Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 76Page - STMicroelectronics STM32H723VG Datasheet HTML 77Page - STMicroelectronics STM32H723VG Datasheet HTML 78Page - STMicroelectronics STM32H723VG Datasheet HTML 79Page - STMicroelectronics STM32H723VG Datasheet HTML 80Page - STMicroelectronics STM32H723VG Datasheet HTML 81Page - STMicroelectronics STM32H723VG Datasheet HTML 82Page - STMicroelectronics STM32H723VG Datasheet HTML 83Page - STMicroelectronics STM32H723VG Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 227 page
background image
PE0
-
LPTIM1_
ETR
TIM4_
ETR
-
LPTIM2_
ETR
---
UART8_
RX
-
SAI4_
MCLK_A
-
FMC_NBL
0
DCMI_
D2/PSSI
_D2
LCD_R
0
EVENT
OUT
PE1
-
LPTIM1_
IN2
-
-
-
---
UART8_
TX
--
-
FMC_NBL
1
DCMI_
D3/
PSSI_D3
LCD_R
6
EVENT
OUT
PE2
TRACE
CLK
-
SAI1_
CK1
-
USART1
0_RX
SPI4_
SCK
SAI1_
MCLK_A
-
SAI4_
MCLK_A
OCTOSPI
M_P1_IO2
SAI4_CK1
ETH_MII_
TXD3
FMC_A23
-
-
EVENT
OUT
PE3
TRACE
D0
--
-
TIM15_
BKIN
-
SAI1_SD_
B
-
SAI4_SD_
B
--
USART10_
TX
FMC_A19
-
-
EVENT
OUT
PE4
TRACE
D1
-
SAI1_D2
DFSDM1
_DATIN3
TIM15_
CH1N
SPI4_NS
S
SAI1_FS_
A
-
SAI4_FS_
A
-
SAI4_D2
-
FMC_A20
DCMI_
D4/PSSI
_D4
LCD_B
0
EVENT
OUT
PE5
TRACE
D2
-
SAI1_CK2
DFSDM1
_CKIN3
TIM15_
CH1
SPI4_
MISO
SAI1_SCK
_A
-
SAI4_SCK
_A
-
SAI4_CK2
-
FMC_A21
DCMI_
D6/PSSI
_D6
LCD_G
0
EVENT
OUT
PE6
TRACE
D3
TIM1_
BKIN2
SAI1_D1
-
TIM15_
CH2
SPI4_
MOSI
SAI1_SD_
A
-
SAI4_SD_
A
SAI4_D1
SAI4_
MCLK_B
TIM1_BKIN
2_COMP12
FMC_A22
DCMI_
D7/PSSI
_D7
LCD_G
1
EVENT
OUT
PE7
-
TIM1_ET
R
-
DFSDM1
_DATIN2
--
-
UART7_
RX
--
OCTO
SPIM_P1_
IO4
-
FMC_D4/
FMC_AD4
--
EVENT
OUT
PE8
-
TIM1_CH
1N
-
DFSDM1
_CKIN2
--
-
UART7_
TX
--
OCTO
SPIM_P1_
IO5
-
FMC_D5/
FMC_AD5
COMP2_
OUT
-
EVENT
OUT
PE9
-
TIM1_CH
1
-
DFSDM1
_CKOUT
--
-
UART7_
RTS/
UART7_
DE
--
OCTO
SPIM_P1_
IO6
-
FMC_D6/
FMC_AD6
--
EVENT
OUT
Table 8. STM32H723 pin alternate functions (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
FMC/
LPTIM1/
SAI4/TIM1
6/17/TIM1
x/TIM2x
FDCAN3/
PDM_
SAI1/
TIM3/4/5/1
2/15
DFSDM1
/LCD/
LPTIM2/
3/4/5/
LPUART
1/OCTO
SPIM_P1
/2/TIM8
CEC/
DCMI/
PSSI/
DFSDM1
/I2C1/2/3/
4/5/
LPTIM2/
OCTO
SPIM_P1
/TIM15/
USART1/
10
CEC/
FDCAN3/
SPI1/I2S
1/SPI2/
I2S2/SPI
3/I2S3/
SPI4/5/6
DFSDM1/I
2C4/5/
OCTO
SPIM_P1/
SAI1/
SPI3/
I2S3/
UART4
SDMMC1
/SPI2/I2S
2/SPI3/
I2S3/
SPI6/
UART7/
USART1/
2/3/6
LPUART1/
SAI4/
SDMMC1/
SPDIFRX1
/SPI6/
UART4/5/
8
FDCAN1/2
/FMC/
LCD/
OCTO
SPIM_P1/
2/SAI4/
SDMMC2/
SPDIFRX1
/TIM13/14
CRS/
FMC/
LCD/
OCTO
SPIM_P1/
OTG1_FS/
OTG1_HS/
SAI4/
SDMMC2/
TIM8
DFSDM1/
ETH/I2C4/
LCD/MDIO
S/OCTOSP
IM_P1/
SDMMC2/
SWPMI1/
TIM1x/TIM
8/UART7/9/
USART10
FMC/LCD/
MDIOS/
OCTOSPI
M_P1/
SDMMC1/
TIM1x/
TIM8
COMP/
DCMI/
PSSI/
LCD/
TIM1x/
TIM23
LCD/
TIM24/
UART5
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com