Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 55Page - STMicroelectronics STM32H723VG Datasheet HTML 56Page - STMicroelectronics STM32H723VG Datasheet HTML 57Page - STMicroelectronics STM32H723VG Datasheet HTML 58Page - STMicroelectronics STM32H723VG Datasheet HTML 59Page - STMicroelectronics STM32H723VG Datasheet HTML 60Page - STMicroelectronics STM32H723VG Datasheet HTML 61Page - STMicroelectronics STM32H723VG Datasheet HTML 62Page - STMicroelectronics STM32H723VG Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 227 page
background image
DS13313 Rev 2
59/227
STM32H723xE/G
Pinouts, pin descriptions and alternate functions
85
D1
13
24
E1
PH1-OSC_OUT
I/O
FT
-
EVENTOUT
OSC_OUT
E1
14
25
F1
NRST
I/O
RST
-
-
-
F1
15
26
H1
PC0
I/O FT_ha
-
FMC_D12/FMC_AD12,
DFSDM1_CKIN0, DFSDM1_DATIN4,
SAI4_FS_B, FMC_A25,
OTG_HS_ULPI_STP, LCD_G2,
FMC_SDNWE, LCD_R5, EVENTOUT
ADC123_INP10
F2
16
27
H2
PC1
I/O FT_ha
-
TRACED0, SAI4_D1, SAI1_D1,
DFSDM1_DATIN0, DFSDM1_CKIN4,
SPI2_MOSI/I2S2_SDO, SAI1_SD_A,
SAI4_SD_A, SDMMC2_CK,
OCTOSPIM_P1_IO4, ETH_MDC,
MDIOS_MDC, LCD_G5, EVENTOUT
ADC123_INN10,
ADC123_INP11,
RTC_TAMP3,
WKUP6
-
-
-
H3
PC2
I/O
FT_a
-
PWR_DEEPSLEEP, DFSDM1_CKIN1,
OCTOSPIM_P1_IO5,
SPI2_MISO/I2S2_SDI,
DFSDM1_CKOUT,
OCTOSPIM_P1_IO2,
OTG_HS_ULPI_DIR, ETH_MII_TXD2,
FMC_SDNE0, EVENTOUT
ADC123_INN11,
ADC123_INP12
E2
17
28
-
PC2_C
AN
A
TT_a
-
-
ADC3_INN1,
ADC3_INP0
-
-
-
H4
PC3
I/O
FT_a
-
PWR_SLEEP, DFSDM1_DATIN1,
OCTOSPIM_P1_IO6,
SPI2_MOSI/I2S2_SDO,
OCTOSPIM_P1_IO0,
OTG_HS_ULPI_NXT,
ETH_MII_TX_CLK, FMC_SDCKE0,
EVENTOUT
ADC12_INN12,
ADC12_INP13
F3
18
29
-
PC3_C
AN
A
TT_a
-
-
ADC3_INP1
--
30
-
VDD
S
-
-
-
-
G1
19
31
J1
VSSA
S
-
-
-
-
--
-
K1
VREF-
S
-
-
-
-
-20
32
L1
VREF+
S
-
-
-
-
H1
21
33
M1
VDDA
S
-
-
-
-
Table 7. STM32H723 pin and ball descriptions (continued)
Pin number
Pin name (function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com