Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 58Page - STMicroelectronics STM32H723VG Datasheet HTML 59Page - STMicroelectronics STM32H723VG Datasheet HTML 60Page - STMicroelectronics STM32H723VG Datasheet HTML 61Page - STMicroelectronics STM32H723VG Datasheet HTML 62Page - STMicroelectronics STM32H723VG Datasheet HTML 63Page - STMicroelectronics STM32H723VG Datasheet HTML 64Page - STMicroelectronics STM32H723VG Datasheet HTML 65Page - STMicroelectronics STM32H723VG Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 227 page
background image
Pinouts, pin descriptions and alternate functions
STM32H723xE/G
62/227
DS13313 Rev 2
-
-
49
M5
PF11
I/O FT_ha
-
SPI5_MOSI, OCTOSPIM_P1_NCLK,
SAI4_SD_B, FMC_NRAS,
DCMI_D12/PSSI_D12, TIM24_CH1,
EVENTOUT
ADC1_INP2
-
-
50
L5
PF12
I/O FT_ha
-
OCTOSPIM_P2_DQS, FMC_A6,
TIM24_CH2, EVENTOUT
ADC1_INN2,
ADC1_INP6
-
-
51
-
VSS
S
-
-
-
-
--
52
-
VDD
S
-
-
-
-
-
-
53
K5
PF13
I/O FT_ha
-
DFSDM1_DATIN6, I2C4_SMBA,
FMC_A7, TIM24_CH3, EVENTOUT
ADC2_INP2
-
-
54
M6
PF14
I/O FT_fha
-
DFSDM1_CKIN6, I2C4_SCL, FMC_A8,
TIM24_CH4, EVENTOUT
ADC2_INN2,
ADC2_INP6
-
-
55
L6
PF15
I/O
FT_fh
-
I2C4_SDA, FMC_A9, EVENTOUT
-
-
-
56
K6
PG0
I/O
FT_h
-
OCTOSPIM_P2_IO4, UART9_RX,
FMC_A10, EVENTOUT
-
-
-
57
J6
PG1
I/O
TT_h
-
OCTOSPIM_P2_IO5, UART9_TX,
FMC_A11, EVENTOUT
OPAMP2_VINM
H5
37
58
M7
PE7
I/O TT_ha
-
TIM1_ETR, DFSDM1_DATIN2,
UART7_RX, OCTOSPIM_P1_IO4,
FMC_D4/FMC_AD4, EVENTOUT
OPAMP2_VOUT,
COMP2_INM
J5
38
59
L7
PE8
I/O TT_ha
-
TIM1_CH1N, DFSDM1_CKIN2,
UART7_TX, OCTOSPIM_P1_IO5,
FMC_D5/FMC_AD5, COMP2_OUT,
EVENTOUT
OPAMP2_VINM
K5
39
60
K7
PE9
I/O TT_ha
-
TIM1_CH1, DFSDM1_CKOUT,
UART7_RTS/UART7_DE,
OCTOSPIM_P1_IO6,
FMC_D6/FMC_AD6, EVENTOUT
OPAMP2_VINP,
COMP2_INP
-
-
61
-
VSS
S
-
-
-
-
--
62
-
VDD
S
-
-
-
-
G6
40
63
J7
PE10
I/O FT_ha
-
TIM1_CH2N, DFSDM1_DATIN4,
UART7_CTS, OCTOSPIM_P1_IO7,
FMC_D7/FMC_AD7, EVENTOUT
COMP2_INM
H6
41
64
H8
PE11
I/O FT_ha
-
TIM1_CH2, DFSDM1_CKIN4,
SPI4_NSS(boot), SAI4_SD_B,
OCTOSPIM_P1_NCS,
FMC_D8/FMC_AD8, LCD_G3,
EVENTOUT
COMP2_INP
Table 7. STM32H723 pin and ball descriptions (continued)
Pin number
Pin name (function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com