Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 67Page - STMicroelectronics STM32H723VG Datasheet HTML 68Page - STMicroelectronics STM32H723VG Datasheet HTML 69Page - STMicroelectronics STM32H723VG Datasheet HTML 70Page - STMicroelectronics STM32H723VG Datasheet HTML 71Page - STMicroelectronics STM32H723VG Datasheet HTML 72Page - STMicroelectronics STM32H723VG Datasheet HTML 73Page - STMicroelectronics STM32H723VG Datasheet HTML 74Page - STMicroelectronics STM32H723VG Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 227 page
background image
DS13313 Rev 2
71/227
STM32H723xE/G
Pinouts, pin descriptions and alternate functions
85
D4
97
141
A5
PE0
I/O
FT_h
-
LPTIM1_ETR, TIM4_ETR,
LPTIM2_ETR, UART8_RX,
SAI4_MCLK_A, FMC_NBL0,
DCMI_D2/PSSI_D2, LCD_R0,
EVENTOUT
-
C4
98
142
A4
PE1
I/O
FT_h
-
LPTIM1_IN2, UART8_TX, FMC_NBL1,
DCMI_D3/PSSI_D3, LCD_R6,
EVENTOUT
-
-
99
-
-
VSS
S
-
-
-
-
F7
-
143
E5
PDR_ON
S
-
-
-
-
-
100
144
-
VDD
S
-
-
-
-
C2
-
-
D2
VSS
S
-
-
-
-
E6
-
-
E6
VSS
S
-
-
-
-
J1
-
-
E7
VSS
S
-
-
-
-
E4
-
-
G4
VSS
S
-
-
-
-
E5
-
-
G8
VSS
S
-
-
-
-
-
-
-
G10
VSS
S
-
-
-
-
-
-
-
H5
VSS
S
-
-
-
-
-
-
-
H6
VSS
S
-
-
-
-
D2
-
-
D3
VDD
S
-
-
-
-
F5
-
-
F4
VDD
S
-
-
-
-
K1
-
-
F5
VDD
S
-
-
-
-
F4
-
-
F6
VDD
S
-
-
-
-
--
-
F7
VDD
S
-
-
-
-
--
-
F8
VDD
S
-
-
-
-
--
-
F9
VDD
S
-
-
-
-
--
-
F10
VDD
S
-
-
-
-
--
-
G5
VDD
S
-
-
-
-
--
-
G6
VDD
S
-
-
-
-
--
-
G7
VDD
S
-
-
-
-
Table 7. STM32H723 pin and ball descriptions (continued)
Pin number
Pin name (function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com