Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 10Page - STMicroelectronics STM32H723VG Datasheet HTML 11Page - STMicroelectronics STM32H723VG Datasheet HTML 12Page - STMicroelectronics STM32H723VG Datasheet HTML 13Page - STMicroelectronics STM32H723VG Datasheet HTML 14Page - STMicroelectronics STM32H723VG Datasheet HTML 15Page - STMicroelectronics STM32H723VG Datasheet HTML 16Page - STMicroelectronics STM32H723VG Datasheet HTML 17Page - STMicroelectronics STM32H723VG Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 227 page
background image
Description
STM32H723xE/G
14/227
DS13313 Rev 2
2
Description
STM32H723xE/G devices are based on the high-performance Arm® Cortex®-M7 32-bit
RISC core operating at up to 550 MHz. The Cortex® -M7 core features a floating point unit
(FPU) which supports Arm® double-precision (IEEE 754 compliant) and single-precision
data-processing instructions and data types. The Cortex -M7 core includes 32 Kbytes of
instruction cache and 32 Kbytes of data cache. STM32H723xE/G devices support a full set
of DSP instructions and a memory protection unit (MPU) to enhance application security.
STM32H723xE/G devices incorporate high-speed embedded memories with up to 1 Mbyte
of Flash memory, up to 564 Kbytes of RAM (including 192 Kbytes that can be shared
between ITCM and AXI, plus 64 Kbytes exclusively ITCM, plus 128 Kbytes exclusively AXI,
128 Kbyte DTCM, 48 Kbytes AHB and 4 Kbytes of backup RAM), as well as an extensive
range of enhanced I/Os and peripherals connected to APB buses, AHB buses, 2x32-bit
multi-AHB bus matrix and a multi layer AXI interconnect supporting internal and external
memory access. To improve application robustness, all memories feature error code
correction (one error correction, two error detections).
The devices embed peripherals allowing mathematical/arithmetic function acceleration
(CORDIC co-processor for trigonometric functions and FMAC unit for filter functions). All the
devices offer three ADCs, two DACs, two operational amplifiers, two ultra-low power
comparators, a low-power RTC, 4 general-purpose 32-bit timers, 12 general-purpose 16-bit
timers including two PWM timers for motor control, five low-power timers, a true random
number generator (RNG). The devices support four digital filters for external sigma-delta
modulators (DFSDM). They also feature standard and advanced communication interfaces.
•
Standard peripherals
–Five I2Cs
–
Five USARTs, five UARTs and one LPUART
–
Six SPIs, four I2Ss in Half-duplex mode. To achieve audio class accuracy, the I2S
peripherals can be clocked by a dedicated internal audio PLL or by an external
clock to allow synchronization. (Note that the five USARTs also provide SPI slave
capability.)
–
Two SAI serial audio interfaces
–
One SPDIFRX interface with four inputs
–
One SWPMI (Single Wire Protocol Master Interface)
–
Management Data Input/Output (MDIO) slaves
–
Two SDMMC interfaces
–
A USB OTG high-speed interface with full-speed capability (with the ULPI)
–
Two FDCANs plus one TT-FDCAN interface
–
An Ethernet interface
–
Chrom-ART Accelerator
–
HDMI-CEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com