Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 12Page - STMicroelectronics STM32H723VG Datasheet HTML 13Page - STMicroelectronics STM32H723VG Datasheet HTML 14Page - STMicroelectronics STM32H723VG Datasheet HTML 15Page - STMicroelectronics STM32H723VG Datasheet HTML 16Page - STMicroelectronics STM32H723VG Datasheet HTML 17Page - STMicroelectronics STM32H723VG Datasheet HTML 18Page - STMicroelectronics STM32H723VG Datasheet HTML 19Page - STMicroelectronics STM32H723VG Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 227 page
background image
Description
STM32H723xE/G
16/227
DS13313 Rev 2
Figure 1. STM32H723xE/G block diagram
MSv52561V3
TT-FDCAN1
FDCAN2
I2C1/SMBUS
I2C2/SMBUS
I2C3/SMBUS
AXI/AHB12 (275MHz)
CH[1:4]N, CH[1:4], ETR, BKIN, BKIN2
as AF
SCL, SDA, SMBA as AF
MDMA
PJ,PK[11:0]
SCL, SDA, SMBA as AF
SCL, SDA, SMBA as AF
MOSI, MISO, SCK, NSS /
SDO, SDI, CK, WS, MCK, as AF
TX, RX, RXFD_MODE,
TXFD_MODE as AF
CH[4;1], ETR as AF
FIFO
LCD-TFT
FIFO
CHROM-ART
(DMA2D)
LCD_R[7:0], LCD_G[7:0],
LCD_B[7:0], LCD_HSYNC,
LCD_VSYNC, LCD_DE, LCD_CLK
CEC as AF
IN[1:4] as AF
MDC, MDIO as AF
AXIM
AXIM
Arm CPU
Cortex-M7
550 MHz
AHBP
AHBS
TRACECLK
TRACED[3:0]
NJTRST, JTDI,
JTCK/SWCLK
JTDO/SWDIO, JTDO
JTAG/SW
ETM
I-Cache
32KB
D-Cache
32KB
I-TCM 64KB
D-TCM
64KB
16 Streams
FIFO
SDMMC1
D[7:0], D123DIR, D0DIR,
CMD, CKas AF
FIFO
DMA1
FIFOs
8 Stream
DMA2
FIFOs
ETHER
MAC
FIFO
SDMMC2
FIFO
OTG_HS
FIFO
SRAM1
16 KB
8 Stream
FMC_signals
DMA/
DMA/
PHY
MII / RMII
MDIO
as AF
DP, DM, STP,
NXT,ULPI:CK
, D[7:0], DIR,
ID, VBUS
ADC1
OUT1, OUT2 as AF
16b
AXI/AHB34 (275MHz)
WWDG
AHB2 (275MHz)
PA..H[15:0]
HSYNC, VSYNC, PIXCLK, D[13:0]
PDCK, DE, RDY, D[15:0]
UART9
MOSI, MISO, SCK, NSS as AF
MOSI, MISO, SCK, NSS as AF
32-bit AHB BUS-MATRIX
BDMA
DMA
Mux2
Up to 20 analog inputs Most
are common to ADC1 & 2
HSEM
AHB4
VDDA, VSSA
NRESET
WKUP[1;2;4;6]
@VDD
RCC
Reset &
control
OSC32_IN
OSC32_OUT
AWU
VCORE BBgen + POWER MNGT
OSC_IN
OSC_OUT
TS, TAMP1, TAMP3,
OUT, REFIN
VDD
VSS
VCAP, VDDLDO
@VDD
@VDD
@VSW
SUPPLY SUPERVISION
Int
POR
reset
@VDD
VINM, VINP, VOUT as AF
CKOUT, DATIN[7:0], CKIN[7:0]
2 compl. chan.(TIM15_CH1[1:2]N),
2 chan. (TIM_CH15[1:2], BKIN as AF
1 compl. chan.(TIM16_CH1N),
1 chan. (TIM16_CH1, BKIN as AF
1 compl. chan.(TIM17_CH1N),
1 chan. (TIM17_CH1, BKIN as AF
D[7:0],
D123DIR,
D0DIR,
CMD, CKas AF
Up to 17 analog inputs
Some common to ADC1 and 2
SD_[A;B], SCK_[A;B], FS_[A;B],
MCLK_[A;B], D[3:1], CK[2:1] as AF
SCL, SDA, SMBA as AF
COMPx_INP, COMPx_INM,
COMPx_OUT as AF
OUT as AF
D-TCM
64KB
AHB/APB
1 MB FLASH
128 KB AXI
SRAM
FMC
AHB/APB
DFSDM
USART10
SD_[A;B], SCK_[A;B], FS_[A;B],
MCLK_[A;B], D[3:1], CK[2:1] as AF
SAI1
SPI5
TIM17
TIM16
TIM15
SPI4
MOSI, MISO, SCK, NSS /
SDO, SDI, CK, WS, MCK, as AF
SPI1/I2S1
USART6
USART1
TIM1/PWM
16b
TIM8/PWM
16b
ADC3
GPIO PORTA.. H
GPIO PORTJ,K
SAI4
COMP1&2
LPTIM5
OUT as AF
LPTIM4
OUT as AF
LPTIM3
I2C4
MOSI, MISO, SCK, NSS /
SDO, SDI, CK, WS, MCK, as AF
SPI6/I2S6
RX, TX, CK, CTS, RTS as AF
LPUART1
LPTIM2
VREF
SYSCFG
EXTI WKUP
CRC
DAP
RNG
DMA
Mux1
To APB1-2
peripherals
SRAM2
16 KB
ADC2
AHB/APB
TIM6
16b
TIM7
16b
SWPMI
TIM2
32b
TIM3
16b
TIM4
16b
TIM5
32b
TIM12
16b
TIM13
16b
TIM14
16b
USART2
USART3
UART4
UART5
UART7
UART8
SPI2/I2S2
MOSI, MISO, SCK, NSS /
SDO, SDI, CK, WS, MCK, as AF
SPI3/I2S3
MDIOS
RAM
I/F
USBCR
SPDIFRX1
HDMI-CEC
DAC
LPTIM1
OPAMP2
AHB/APB
XTAL 32 kHz
RTC
Backup registers
XTAL OSC
4- 48 MHz
CSI RC
LSI RC
PLL1+PLL2+PLL3
POR/PDR/BOR
PVD
Voltage
regulator
3.3 to 1.2V
LSI
HSI
CSI
HSI48
IN1, IN2, ETR, OUT as AF
AHB1
(275MHz)
16 KB SRAM
4 KB BKP
RAM
32-bit AHB BUS-MATRIX
IWDG
Temperature
sensor
Shared AXI
I-TCM 192KB
OCTOSPI2
signals
OCTOSPI1
signals
DLYBSD1
DLYBOS1-2
FDCAN3
DCMI
PSSI
RX, TX, CK, CTS, RTS, DE as AF
RX, TX, CTS, RTS, DE as AF
CORDIC
FMAC
TIM23
TIM24
32b
32b
I2C5/SMBUS
SCL, SDA, SMBA as AF
RX, TX, CK, CTS, RTS, DE as AF
RX, TX, CK, CTS, RTS, DE as AF
RX, TX, CK, CTS, RTS, DE as A
RX, TX, CK, CTS, RTS, DE as A
RX, TX, CTS, RTS, DE as AF
RX, TX, CTS, RTS, DE as AF
RX, TX, CTS, RTS, DE as AF
RX, TX, CTS, RTS, DE as AF
CH[1:4]N, CH[1:4], ETR, BKIN, BKIN2
as AF
IN1, IN2, ETR, OUT as AF
16b
16b
16b
16b
CH[4;1], ETR as AF
CH[4;1], ETR as AF
CH[4;1], ETR as AF
CH[4;1], ETR as AF
CH[4;1], ETR as AF
CH[2;1] as AF
CH1 as AF
CH1 as AF
TX, RX, RXFD_MODE,
TXFD_MODE as AF
TX, RX, RXFD_MODE,
TXFD_MODE as AF
OPAMP1
VINM, VINP, VOUT as AF
HSI48 RC
HSI RC
VBAT
DLYBSD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com