Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 153 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 153 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 149Page - STMicroelectronics STM32H723VG Datasheet HTML 150Page - STMicroelectronics STM32H723VG Datasheet HTML 151Page - STMicroelectronics STM32H723VG Datasheet HTML 152Page - STMicroelectronics STM32H723VG Datasheet HTML 153Page - STMicroelectronics STM32H723VG Datasheet HTML 154Page - STMicroelectronics STM32H723VG Datasheet HTML 155Page - STMicroelectronics STM32H723VG Datasheet HTML 156Page - STMicroelectronics STM32H723VG Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 227 page
background image
DS13313 Rev 2
153/227
STM32H723xE/G
Electrical characteristics
208
Table 77. OCTOSPI characteristics in DTR mode (with DQS)/Octal and Hyperbus(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FCK(2)(3)
OCTOSPI clock frequency
2,7 V < VDD < 3.6 V,
VOS0, CLOAD = 20 pF
-
-
100
MHz
1.71 V < VDD < 3.6 V,
VOS0, CLOAD = 20 pF
-
-
100(4)
tw(CKH)
OCTOSPI clock high and
low time, even division
PRESCALER[7:0] = n =
0,1,3,5
t(CK)/2
-
t(CK)/2+1
ns
tw(CKL)
t(CK)/2–1
-
t(CK)/2
tw(CKH)
OCTOSPI clock high and
low time, odd division
PRESCALER[7:0] = n =
2,4,6,8
(n/2)*t(CK)/
(n+1)
-
(n/2)*t(CK)/
(n+1)+1
ns
tw(CKL)
(n/2+1)*t(CK)/(
n+1)–1
-
(n/2+1)*t(CK)/
(n+1)
tv(CK)
Clock valid time
-
-
-
t(CK)+1
th(CK)
Clock hold time
-
t(CK)/2
-
-
VODr(CK)
CK,CK crossing level on CK
rising edge
VDD = 1.8 V
922
-
1229
mV
VODf(CK)
CK,CK crossing level on CK
falling edge
VDD = 1.8 V
1000
-
1277
tw(CS)
Chip select high time
-
3*t(CK)
--
ns
tv(DQ)
Data input vallid time
-
0
-
-
tv(DS)
Data strobe input valid time
-
0
-
-
th(DS)
Data strobe input hold time
-
0
-
-
tv(RWDS)
Data strobe output valid
time
-
-
-
3 x t(CK)
tsr(DQ)
Data input setup time
Rising edge
0
-
-
tsf(DQ)
Falling edge
0
-
-
thr(DQ)
Data input hold time
Rising edge
1
-
-
thf(DQ)
Falling edge
1
-
-
tvr(OUT)
Data output valid time rising
edge
DHQC = 0
-
6
7(5)
DHQC = 1,
Prescaler = 1,2...
-
tpclk/4+
1
tpclk/4+1.25
(5)
tvf(OUT)
Data output valid time
falling edge
DHQC = 0
-
5.5
6(5)
DHQC = 1,
Prescaler = 1,2...
-
tpclk/4+
0.5
tpclk/4+0.75
(5)
thr(OUT)
Data output hold time rising
edge
DHQC = 0
4.5
-
-
DHQC = 1,
Prescaler = 1,2...
tpclk/4
-
-
thf(OUT)
Data output hold time falling
edge
DHQC = 0
4.5
-
-
DHQC = 1,
Prescaler = 1,2...
tpclk/4
-
-
1. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com