Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC815BLC5TR-R5 Datasheet(PDF) 24 Page - Analog Devices

Part # HMC815BLC5TR-R5
Description  21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC815BLC5TR-R5 Datasheet(HTML) 24 Page - Analog Devices

Back Button HMC815BLC5TR-R5 Datasheet HTML 20Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 21Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 22Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 23Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 24Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 25Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 26Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 27Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
HMC815B
Data Sheet
Rev. 0 | Page 24 of 30
SPURIOUS PERFORMANCE
M × N Spurious Outputs, IF = 2500 MHz
Mixer spurious products are measured in dBc from the RF
output power level with lower sideband selected and without
external 90° hybrid at the IF ports. N/A means not applicable.
RF = 21 GHz, LO frequency = 11.75 GHz at LO input power =
4 dBm, IF input power = −10 dBm.
N × LO
0
1
2
3
M × IF
−3
88
104
58
75
−2
62
92
49
75
−1
76
67
0
41
0
N/A
34
8
19
+1
76
44
N/A
42
+2
63
57
59
N/A
+3
89
79
52
N/A
RF = 22 GHz, LO frequency = 12.25 GHz at LO input power =
4 dBm, IF input power = −10 dBm.
N × LO
0
1
2
3
M × IF
−3
87
100
58
86
−2
62
91
43
61
−1
75
67
0
44
0
N/A
33
4
18
+1
75
43
N/A
49
+2
62
60
45
N/A
+3
76
78
50
N/A
RF = 23 GHz, LO frequency = 12.75 GHz at LO input power =
4 dBm, IF input power = −10 dBm.
N × LO
0
1
2
3
M × IF
−3
88
101
62
83
−2
61
97
43
62
−1
79
76
0
57
0
N/A
34
3
29
+1
78
47
N/A
N/A
+2
61
67
51
N/A
+3
88
79
48
N/A
RF = 24 GHz, LO frequency = 13.25 GHz at LO input power =
4 dBm, IF input power = −10 dBm.
N × LO
0
1
2
3
M × IF
−3
98
104
56
77
−2
63
86
46
61
−1
91
70
0
48
0
N/A
0
4
N/A
+1
91
36
N/A
N/A
+2
63
57
54
N/A
+3
97
80
55
N/A
RF = 25 GHz, LO frequency = 13.75 GHz at LO input power =
4 dBm, IF input power = −10 dBm.
N × LO
0
1
2
3
M × IF
−3
85
101
49
73
−2
63
87
37
54
−1
73
65
0
48
0
N/A
26
0
N/A
+1
73
36
N/A
N/A
+2
63
56
39
N/A
+3
75
67
57
N/A
RF = 26 GHz, LO frequency = 14.25 GHz at LO input power =
4 dBm, IF input power = −10 dBm.
N × LO
0
1
2
3
M × IF
−3
+85
+96
+49
+61
−2
+63
+80
+44
+56
−1
+74
+62
0
+213
0
N/A
+20
−2
N/A
+1
+74
+26
N/A
N/A
+2
+63
+59
+35
N/A
+3
+74
+56
+62
N/A
RF = 27 GHz, LO frequency = 14.75 GHz at LO input power =
4 dBm, IF input power = −10 dBm.
N × LO
0
1
2
3
M × IF
−3
82
95
46
N/A
−2
62
77
39
54
−1
70
50
0
N/A
0
N/A
26
1
N/A
+1
70
22
N/A
N/A
+2
62
34
51
N/A
+3
73
51
48
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com