Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC815BLC5TR-R5 Datasheet(PDF) 21 Page - Analog Devices

Part # HMC815BLC5TR-R5
Description  21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC815BLC5TR-R5 Datasheet(HTML) 21 Page - Analog Devices

Back Button HMC815BLC5TR-R5 Datasheet HTML 17Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 18Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 19Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 20Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 21Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 22Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 23Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 24Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Data Sheet
HMC815B
Rev. 0 | Page 21 of 30
0
–40
–35
–30
–25
–20
–15
–10
–5
0
0.5
1.0
1.5
2.0
3.0
2.5
3.5
4.0
IF FREQUENCY (GHz)
+85°C, IF1
+25°C, IF1
–40°C, IF1
+85°C, IF2
+25°C, IF2
–40°C, IF2
Figure 94. IF Return Loss vs. IF Frequency over Temperature,
LO Frequency = 12 GHz, LO Power = 4 dBm
0
–40
–35
–30
–25
–20
–15
–10
–5
0
0.5
1.0
1.5
2.0
3.0
2.5
3.5
4.0
IF FREQUENCY (GHz)
0dBm, IF1
2dBm, IF1
4dBm, IF1
6dBm, IF1
0dBm, IF2
2dBm, IF2
4dBm, IF2
6dBm, IF2
Figure 95. IF Return Loss vs. IF Frequency over LO Powers,
LO Frequency = 12 GHz, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com