Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC815BLC5TR-R5 Datasheet(PDF) 28 Page - Analog Devices

Part # HMC815BLC5TR-R5
Description  21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC815BLC5TR-R5 Datasheet(HTML) 28 Page - Analog Devices

Back Button HMC815BLC5TR-R5 Datasheet HTML 22Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 23Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 24Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 25Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 26Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 27Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 28Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 29Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
HMC815B
Data Sheet
Rev. 0 | Page 28 of 30
EVALUATION BOARD INFORMATION
The circuit board used in the application must use RF circuit
design techniques. Signal lines must have 50 Ω impedance.
Connect the package ground leads and exposed pad directly to
the ground plane, as shown in Figure 105. Use a sufficient
number of via holes to connect the top and bottom ground
planes. The evaluation circuit board shown in Figure 107 is
available from Analog Devices upon request.
EV1HMC815BLC5 Power-On Sequence
To set up the EV1HMC815BLC5, take the following steps:
1. Power up VGG with a −2 V supply.
2. Power up VDD2 and VDD3 with a 4.5 V supply.
3. Power up VDD1 with another 4.5 V supply.
4. Adjust the VGG supply between −2 V and 0 V until the total
RF supply current (IDD2 + IDD3) = 270 mA.
5. Connect LOIN to the LO signal generator with an LO
power of 4 dBm (typical).
6. Apply the IF1 and IF2 signals.
EV1HMC815BLC5 Power-Off Sequence
To turn off the EV1HMC815BLC5, take the following steps:
1. Turn off the LO and IF signals.
2. Set VGG to −2 V.
3. Set the VDD1, VDD2, and VDD3 supplies to 0 V and then
turn them off.
4. Turn off the VGG supply.
Layout
Solder the exposed pad on the underside of the HMC815B to a low
thermal and electrical impedance ground plane. This exposed
pad is typically soldered to an exposed opening in the solder
mask on the evaluation board. Connect these ground vias to all
other ground layers on the evaluation board to maximize heat
dissipation from the device package. Figure 105 and Figure 106
show the PCB land pattern footprint for the HMC815B and the
solder paste stencil for the HMC815B evaluation board,
respectively.
0.138" SQUARE MASK OPENING
0.02 ×45° CHAMFER FOR PIN1
0.197"
[0.50]
PAD SIZE
0.026" × 0.010"
0.217" SQUARE
0.004" MASK/METAL OVERLAP
0.010" MIN MASK WIDTH
0.010" REF
0.030"
MASK OPENING
0.156"
MASK
OPENING
PIN 1
GROUND PAD
SOLDERMASK
0.146" SQUARE
GROUND PAD
ø.010"
TYPICAL VIA
ø.034"
TYPICAL
VIA SPACING
Figure 105. PCB Land Pattern Footprint
0.219
SQUARE
0.017
0.017
0.027
TYP
0.010
TYP
0.0197
TYP
R0.0040 TYP
132 PLCS
0.132
SQUARE
Figure 106. Solder Paste Stencil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com