Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC815BLC5TR-R5 Datasheet(PDF) 29 Page - Analog Devices

Part # HMC815BLC5TR-R5
Description  21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC815BLC5TR-R5 Datasheet(HTML) 29 Page - Analog Devices

Back Button HMC815BLC5TR-R5 Datasheet HTML 22Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 23Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 24Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 25Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 26Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 27Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 28Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 29Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Data Sheet
HMC815B
Rev. 0 | Page 29 of 30
Figure 107. HMC815B Evaluation Board Top Layer
Table 5. Bill of Materials for the EV1HMC815BLC5 Evaluation Board PCB
Quantity
Reference
Designator
Description
Manufacturer
Part Number
1
Not applicable
PCB, EV1HMC815BLC5
Analog Devices supplied
120410
1
HMC815B
Mixer, 21 GHz to 27 GHz upconverter
Analog Devices
HMC815B
4
J1, J2
Connector, end launch, 2.92 mm, 40 GHz,
jack
Southwest Microwave, Inc.
1092-01A
2
J3, J4
Johnson Subminiature Version A (SMA)
connectors
Cinch Connectivity Solutions
Johnson
142-0701-851
8
J5 to J12
DC pin, PCB terminal
Mill-Max Manufacturing
Corporation
3101-2-00-21-00-00-08-0
3
C1, C2, C3,
Ceramic capacitors, 100 pF, 5%, 50 V, C0G,
0402
Kemet
C0402C101J5GACTU
1
C4
Ceramic capacitors, 1000 pF, 50 V, X7R, 0402
Murata Manufacturing
GRM155R71H102KA01D
3
C5, C6, C7
Ceramic capacitors, 1000 pF, 50 V, 10%, X7R,
0603
Murata Manufacturing
GRM188R71H102KA01D
4
C8, C9, C10,
C11
Tantalum capacitors, 2.2 μF, 25 V, 10%, SMD,
Case A
AVX Corporation
TAJA225K025RNJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com