Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC815BLC5TR-R5 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC815BLC5TR-R5
Description  21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC815BLC5TR-R5 Datasheet(HTML) 5 Page - Analog Devices

  HMC815BLC5TR-R5 Datasheet HTML 1Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 2Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 3Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 4Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 5Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 6Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 7Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 8Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Data Sheet
HMC815B
Rev. 0 | Page 5 of 30
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
17
1
3
4
2
NIC
PACKAGE
BASE
GND
NIC
NIC
NIC
5
6
NIC
VDD1
7
NIC
8
NIC
NIC
18 VDD3
19 NIC
20 NIC
21 VDD2
22 NIC
23 NIC
24 NIC
HMC815B
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NOT INTERNALLY CONNECTED. THESE PINS ARE NOT CONNECTED INTERNALLY.
HOWEVER, THESE PINS CAN BE CONNECTED TO RF/DC GROUND WITHOUT
AFFECTING PERFORMANCE.
2. EXPOSED PAD. CONNECT THE EXPOSED PAD TO A LOW IMPEDANCE
THERMAL AND ELECTRICAL GROUND PLANE.
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1 to 5, 7, 8, 11, 16, 17, 19,
20, 22 to 28
NIC
Not Internally Connected. These pins are not connected internally. However, these pins can be
connected to RF/dc ground without affecting performance.
6
VDD1
Power Supply Voltage for the LO Amplifier. See Figure 3 for the interface schematic. Refer to the
typical application circuit (see Figure 104) for the required external components.
9
LOIN
Local Oscillator Input. See Figure 4 for the interface schematic. This pin is ac-coupled and
matched to 50 Ω.
10, 13, 15, 30, 32
GND
Ground Connect. See Figure 5 for the interface schematic. These pins and the exposed pad must
be connected to RF/dc ground.
12
VGG
Gate Voltage for the RF Amplifier. See Figure 6 for the interface schematic. Refer to the typical
application circuit (see Figure 104) for the required external components.
14
RFOUT
Radio Frequency Output. See Figure 7 for the interface schematic. This pin is ac-coupled and
matched to 50 Ω.
18, 21
VDD3, VDD2
Power Supply Voltage for the RF Amplifier. See Figure 8 for the interface schematic. Refer to the
typical application circuit (see Figure 104) for the required external components.
29, 31
IF1, IF2
Quadrature Intermediate Frequency Inputs. See Figure 9 for the interface schematic. For
applications not requiring operation to dc, use an off chip dc blocking capacitor. For operation
to dc, these pins must not source or sink more than 3 mA of current or device malfunction and
failure can result.
EPAD
Exposed Pad. Connect the exposed pad to a low impedance thermal and electrical ground
plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com