Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC815BLC5TR-R5 Datasheet(PDF) 26 Page - Analog Devices

Part # HMC815BLC5TR-R5
Description  21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC815BLC5TR-R5 Datasheet(HTML) 26 Page - Analog Devices

Back Button HMC815BLC5TR-R5 Datasheet HTML 22Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 23Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 24Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 25Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 26Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 27Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 28Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 29Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
HMC815B
Data Sheet
Rev. 0 | Page 26 of 30
THEORY OF OPERATION
The HMC815B is a GaAs, pHEMT, MMIC I/Q upconverter
with an integrated LO buffer that upconverts IF between dc and
3.75 GHz to RF between 21 GHz and 27 GHz. LO buffer
amplifiers are included on chip to allow an LO drive range from
0 dBm to 6 dBm for full performance. The LO path feeds a
quadrature splitter followed by on-chip baluns that drive the
I and Q singly balanced cores of the passive mixers. The RF
output of the I and Q mixers are then summed through an
on-chip Wilkinson power combiner and relatively matched to
provide a single-ended, 50 Ω output signal that is amplified by
the RF amplifiers to produce a dc-coupled and 50 Ω matched
RF output signal at the RFOUT port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com