Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC815BLC5TR-R5 Datasheet(PDF) 23 Page - Analog Devices

Part # HMC815BLC5TR-R5
Description  21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC815BLC5TR-R5 Datasheet(HTML) 23 Page - Analog Devices

Back Button HMC815BLC5TR-R5 Datasheet HTML 19Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 20Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 21Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 22Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 23Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 24Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 25Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 26Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Data Sheet
HMC815B
Rev. 0 | Page 23 of 30
IF BANDWIDTH PERFORMANCE: UPPER SIDEBAND (LOW-SIDE LO)
20
0
2
6
4
8
10
12
14
16
18
0.2
0.7
1.2
1.7
2.2
3.2
2.7
3.7
4.2
IF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 100. Conversion Gain vs. IF Frequency over Temperature,
LO Frequency = 12 GHz, LO Power = 4 dBm
20
0
2
6
4
8
10
12
14
16
18
0.2
0.7
1.2
1.7
2.2
3.2
2.7
3.7
4.2
IF FREQUENCY (GHz)
0dBm
2dBm
4dBm
6dBm
Figure 101. Conversion Gain vs. IF Frequency over Temperature,
LO Frequency = 12 GHz, LO Power = 4 dBm
42
0
14
18
22
26
30
34
38
0.2
0.7
1.2
1.7
2.2
3.2
2.7
3.7
4.2
IF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 102. Output IP3 vs. IF Frequency over LO Powers,
LO Frequency = 12 GHz, TA = 25°C
45
10
15
20
25
30
35
40
0.2
0.7
1.2
1.7
2.2
3.2
2.7
3.7
4.2
IF FREQUENCY (GHz)
0dBm
2dBm
4dBm
6dBm
Figure 103. Output IP3 vs. IF Frequency over LO Powers,
LO Frequency = 12 GHz, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com