Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC815BLC5TR-R5 Datasheet(PDF) 27 Page - Analog Devices

Part # HMC815BLC5TR-R5
Description  21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC815BLC5TR-R5 Datasheet(HTML) 27 Page - Analog Devices

Back Button HMC815BLC5TR-R5 Datasheet HTML 22Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 23Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 24Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 25Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 26Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 27Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 28Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 29Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Data Sheet
HMC815B
Rev. 0 | Page 27 of 30
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUIT
Figure 104 shows the typical application circuit for the
HMC815B. To select the appropriate sideband, an external 90°
hybrid is required. For applications not requiring operation to
dc, use an off chip, dc blocking capacitor. For applications that
require the LO signal at the output to be suppressed, use a bias
tee or RF feed. Ensure that the source or sink current used for
LO suppression is <3 mA for each IF port to prevent damage to
the device. The common-mode voltage for each IF port is 0 V.
To select the upper sideband, connect the IF1 pin to the 90°
port of the hybrid and the IF2 pin to the 0° port of the hybrid.
To select the lower sideband, connect the IF1 pin to the 0° port
of the hybrid and the IF2 pin to the 90° port of the hybrid.
1
3
4
2
5
6
7
8
17
18
19
20
21
22
23
24
×2
IF1 J3
IF IN
LOIN
J1
RFOUT
J2
90° HYBRID
COUPLER
IF2 J4
PACKAGE
BASE
GND
VDD1
J5
C8
2.2µF
+
C5
1000pF
C1
100pF
VDD2
J11
C11
2.2µF
C7
1000pF
C3
100pF
VDD3
J10
C10
2.2µF
C6
1000pF
C2
100pF
VGG
J7
C9
2.2µF
+
C4
1000pF
HMC815B
Figure 104. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com