Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC815BLC5TR-R5 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC815BLC5TR-R5
Description  21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC815BLC5TR-R5 Datasheet(HTML) 4 Page - Analog Devices

  HMC815BLC5TR-R5 Datasheet HTML 1Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 2Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 3Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 4Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 5Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 6Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 7Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 8Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
HMC815B
Data Sheet
Rev. 0 | Page 4 of 30
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Drain Bias Voltage (VDD1, VDD2, VDD3)
5.5 V
Input Power
LO (LOIN)
15 dBm
IF (IF1, IF2)
20 dBm
IF Source/Sink Current
3 mA
Moisture Sensitivity Level (MSL) Rating1
MSL3
Maximum Junction Temperature
175°C
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Reflow Temperature
260°C
Electrostatic Discharge Sensitivity
Human Body Model (HBM)
250 V
Field Induced Charged Device Model
(FICDM)
1250 V
1
See the Ordering Guide section.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure. θJC is
the junction to case thermal resistance.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
E-32-11
46.4
46.7
°C/W
1
Thermal impedance simulated values are based on JEDEC 2S2P test board
with 5 × 5 thermal vias. A cold plate is attached to the bottom side of the
PCB using 100 µm tin (3.56 W/mK). Refer to JEDEC standard JESD51-2 for
additional information.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com