Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC815BLC5TR-R5 Datasheet(PDF) 20 Page - Analog Devices

Part # HMC815BLC5TR-R5
Description  21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC815BLC5TR-R5 Datasheet(HTML) 20 Page - Analog Devices

Back Button HMC815BLC5TR-R5 Datasheet HTML 16Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 17Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 18Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 19Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 20Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 21Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 22Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 23Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
HMC815B
Data Sheet
Rev. 0 | Page 20 of 30
60
45
20
25
30
35
40
50
55
9.5
10.0 10.5 11.0
12.0
13.0
15.0
14.0
11.5
12.5
13.5
14.5
1× LO FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 88. 1× LO to RF Isolation vs. 1× LO Frequency over Temperature,
LO Power = 4 dBm
60
45
20
25
30
35
40
50
55
9.5
10.0 10.5 11.0
12.0
13.0
15.0
14.0
11.5
12.5
13.5
14.5
1× LO FREQUENCY (GHz)
0dBm
2dBm
4dBm
6dBm
Figure 89. 1× LO to RF Isolation vs. 1× LO Frequency over LO Powers,
TA = 25°C
0
–40
–35
–30
–25
–20
–15
–10
–5
5
6
7
8
9
11
10
12
13
15
14
LO FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 90. LO Return Loss vs. LO Frequency over Temperature,
LO Power = 4 dBm
0
–40
–35
–30
–25
–20
–15
–10
–5
5
6
7
8
9
11
10
12
13
15
14
LO FREQUENCY (GHz)
0dBm
2dBm
4dBm
6dBm
Figure 91. LO Return Loss vs. LO Frequency over LO Powers,
TA = 25°C
0
–40
–35
–30
–25
–20
–15
–10
–5
20
21
22
23
24
26
25
27
28
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 92. RF Return Loss vs. RF Frequency over Temperature,
LO Frequency = 12 GHz, LO Power = 4 dBm
0
–40
–35
–30
–25
–20
–15
–10
–5
20
21
22
23
24
26
25
27
28
RF FREQUENCY (GHz)
0dBm
2dBm
4dBm
6dBm
Figure 93. RF Return Loss vs. RF Frequency over LO Powers,
LO Frequency = 12 GHz, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com