Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC815BLC5TR-R5 Datasheet(PDF) 16 Page - Analog Devices

Part # HMC815BLC5TR-R5
Description  21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC815BLC5TR-R5 Datasheet(HTML) 16 Page - Analog Devices

Back Button HMC815BLC5TR-R5 Datasheet HTML 12Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 13Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 14Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 15Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 16Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 17Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 18Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 19Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
HMC815B
Data Sheet
Rev. 0 | Page 16 of 30
42
10
14
18
22
26
30
34
38
21
22
23
24
25
26
28
27
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 64. Output IP3 vs. RF Frequency over Temperature,
LO Power = 4 dBm
42
10
14
18
22
26
30
34
38
21
22
23
24
25
26
28
27
RF FREQUENCY (GHz)
0dBm
2dBm
4dBm
6dBm
Figure 65. Output IP3 vs. RF Frequency over LO Powers, TA = 25°C
42
10
14
18
22
26
30
34
38
21
22
23
24
25
26
28
27
RF FREQUENCY (GHz)
4.25V
4.50V
4.75V
Figure 66. Output IP3 vs. RF Frequency over VDD1,
LO Power = 4 dBm, TA = 25°C
21
22
23
24
25
26
27
28
26
10
12
14
16
18
20
22
24
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 67. Output P1dB vs. RF Frequency over Temperature,
LO Power = 4 dBm
21
22
23
24
25
26
27
28
26
10
12
14
16
18
20
22
24
RF FREQUENCY (GHz)
0dBm
2dBm
4dBm
6dBm
Figure 68. Output P1dB vs. RF Frequency over LO Powers, TA = 25°C
26
10
12
14
16
18
20
22
24
21
22
23
24
25
26
27
28
RF FREQUENCY (GHz)
4.25V
4.50V
4.75V
Figure 69. Output P1dB vs. RF Frequency over VDD1,
LO Power = 4 dBm, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com