Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC815BLC5TR-R5 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC815BLC5TR-R5
Description  21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC815BLC5TR-R5 Datasheet(HTML) 3 Page - Analog Devices

  HMC815BLC5TR-R5 Datasheet HTML 1Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 2Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 3Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 4Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 5Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 6Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 7Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 8Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Data Sheet
HMC815B
Rev. 0 | Page 3 of 30
SPECIFICATIONS
TA = 25°C, intermediate frequency (IF) = 2500 MHz, VDD1 = VDD2 = VDD3 = 4.5 V, LO power = 4 dBm, unless otherwise noted.
Measurements performed with lower sideband selected and an external 90° hybrid at the IF ports, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
OPERATING CONDITIONS
Frequency Range
Radio Frequency
RF
21
27
GHz
Local Oscillator
LO
10.5
14.5
GHz
Intermediate Frequency
IF
DC
3.75
GHz
LO Drive Range
0
4
6
dBm
PERFORMANCE
Conversion Gain
7
12
dB
Sideband Rejection
12
20
dBc
Output Power for 1 dB Compression
OP1dB
20
dBm
Output Third-Order Intercept
OIP3
22.5
27
dBm
Isolation
2× LO to RF
4
10
dB
2× LO to IF
15
dB
Return Loss
RF
12
dB
LO
15
dB
IF
15
dB
POWER SUPPLY
Total Drain Current
RF Amplifier
IDD2 + IDD3
270
300
mA
LO Amplifier
IDD1
80
120
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com