Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC815BLC5TR-R5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC815BLC5TR-R5
Description  21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC815BLC5TR-R5 Datasheet(HTML) 1 Page - Analog Devices

  HMC815BLC5TR-R5 Datasheet HTML 1Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 2Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 3Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 4Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 5Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 6Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 7Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 8Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
21 GHz to 27 GHz,
GaAs, MMIC, I/Q Upconverter
Data Sheet
HMC815B
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Conversion gain: 12 dB typical
Sideband rejection: 20 dBc typical
OP1dB compression: 20 dBm typical
OIP3: 27 dBm typical
2× LO to RF isolation: 10 dB typical
2× LO to IF isolation: 15 dB typical
RF return loss: 12 dB typical
LO return loss: 15 dB typical
IF return loss: 15 dB typical
Exposed pad, 4.90 mm × 4.90 mm, 32-terminal, ceramic LCC
APPLICATIONS
Point to point and point to multipoint radios
Military radars, electronic warfare, and electronic
intelligence
Satellite communications
Sensors
FUNCTIONAL BLOCK DIAGRAM
1
3
4
2
5
6
7
8
17
18
19
20
21
22
23
24
×2
NIC
PACKAGE
BASE
GND
NIC
NIC
NIC
NIC
VDD1
NIC
NIC
NIC = NOT INTERNALLY CONNECTED
NIC
VDD3
NIC
NIC
VDD2
NIC
NIC
NIC
Figure 1.
GENERAL DESCRIPTION
The HMC815B is a compact gallium arsenide (GaAs),
pseudomorphic high electron mobility transistor (pHEMT),
monolithic microwave integrated circuit (MMIC) upconverter
in a RoHS compliant package that operates from 21 GHz to
27 GHz. This device provides a small signal conversion gain of
12 dB and a sideband rejection of 20 dBc. The HMC815B
utilizes a driver amplifier proceeded by an in phase/quadrature
(I/Q) mixer where the LO is driven by an active 2× multiplier.
IF1 and IF2 mixer inputs are provided, and an external 90°
hybrid is needed to select the required sideband. The I/Q mixer
topology reduces the need for filtering of unwanted sideband.
The HMC815B is a smaller alternative to hybrid style single
sideband (SSB) downconverter assemblies, and it eliminates the
need for wire bonding by allowing the use of surface-mount
manufacturing techniques.
The HMC815B is available in 4.90 mm × 4.90 mm, 32-terminal
ceramic LCC package and operates over the −40°C to +85°C
temperature range. An evaluation board for the HMC815B is
also available upon request.


Similar Part No. - HMC815BLC5TR-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC815LC5 HITTITE-HMC815LC5 Datasheet
664Kb / 16P
GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
HMC815LC5 HITTITE-HMC815LC5 Datasheet
660Kb / 16P
GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
HMC815LC5 HITTITE-HMC815LC5 Datasheet
1Mb / 16P
GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
HMC815LC5 HITTITE-HMC815LC5_10 Datasheet
660Kb / 16P
GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
HMC815LC5_1007 HITTITE-HMC815LC5_1007 Datasheet
1Mb / 16P
GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
More results

Similar Description - HMC815BLC5TR-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC710LC5 HITTITE-HMC710LC5 Datasheet
287Kb / 8P
GaAs MMIC I/Q UPCONVERTER 16 - 21 GHz
HMC815LC5 HITTITE-HMC815LC5 Datasheet
664Kb / 16P
GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
HMC815LC5 HITTITE-HMC815LC5_10 Datasheet
660Kb / 16P
GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
HMC924LC5 HITTITE-HMC924LC5 Datasheet
1Mb / 14P
GaAs MMIC I/Q UPCONVERTER 10 - 16 GHz
HMC710LC5 HITTITE-HMC710LC5_10 Datasheet
712Kb / 8P
GaAs MMIC I/Q UPCONVERTER 16 - 21 GHz
HMC815LC5_1007 HITTITE-HMC815LC5_1007 Datasheet
1Mb / 16P
GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
logo
Analog Devices
ADMV1011 AD-ADMV1011 Datasheet
607Kb / 26P
17 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
2/2018-Rev. 0 to Rev. A
HMC7912 AD-HMC7912 Datasheet
552Kb / 24P
21 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
4/2018-Rev. A to Rev. B
HMC6505A AD-HMC6505A Datasheet
755Kb / 30P
5.5 GHz to 8.6 GHz, GaAs, MMIC, I/Q Upconverter
8/2017-Revision 0
HMC7911 AD-HMC7911 Datasheet
497Kb / 24P
17.0 GHz to 20.0 GHz, GaAs, MMIC, I/Q Upconverter
4/2018-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com