Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC815BLC5TR-R5 Datasheet(PDF) 25 Page - Analog Devices

Part # HMC815BLC5TR-R5
Description  21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC815BLC5TR-R5 Datasheet(HTML) 25 Page - Analog Devices

Back Button HMC815BLC5TR-R5 Datasheet HTML 21Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 22Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 23Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 24Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 25Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 26Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 27Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 28Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Data Sheet
HMC815B
Rev. 0 | Page 25 of 30
M × N Spurious Outputs, IF = 2500 MHz
Mixer spurious products are measured in dBc from the RF
output power level with upper sideband selected and without
external 90° hybrid at the IF ports. N/A means not applicable.
RF = 24 GHz, LO frequency = 10.75 GHz at LO input power =
4 dBm, IF input power = −10 dBm.
N × LO
0
1
2
3
M × IF
−3
95
108
65
61
−2
60
83
52
47
−1
79
69
N/A
29
0
N/A
39
14
17
+1
79
40
0
27
+2
61
49
49
53
+3
93
68
53
71
RF = 24.5 GHz, LO frequency = 11 GHz at LO input power =
4 dBm, IF input power = −10 dBm.
N × LO
0
1
2
3
M × IF
−3
82
107
64
65
−2
60
84
47
44
−1
77
69
N/A
30
0
N/A
37
11
18
+1
77
39
0
30
+2
60
47
50
52
+3
94
72
52
N/A
RF = 25 GHz, LO frequency = 11.25 GHz at LO input power =
4 dBm, IF input power = −10 dBm.
N × LO
0
1
2
3
M × IF
−3
84
109
62
63
−2
60
89
57
52
−1
76
70
N/A
33
0
N/A
38
11
19
+1
76
41
0
35
+2
60
51
47
58
+3
97
70
51
N/A
RF = 25.5 GHz, LO frequency = 11.5 GHz at LO input power =
4 dBm, IF input power = −10 dBm.
N × LO
0
1
2
3
M × IF
−3
90
109
60
82
−2
60
91
42
54
−1
74
69
N/A
39
0
N/A
0
9
18
+1
74
41
0
39
+2
60
50
42
68
+3
90
81
52
N/A
RF = 26 GHz, LO frequency = 11.75 GHz at LO input power =
4 dBm, IF input power = −10 dBm.
N × LO
0
1
2
3
M × IF
−3
85
105
58
75
−2
60
94
48
56
−1
72
65
N/A
43
0
N/A
33
7
18
+1
72
42
0
35
+2
60
60
45
58
+3
86
75
51
N/A
RF = 26.5 GHz, LO frequency = 12 GHz at LO input power =
4 dBm, IF input power = −10 dBm.
N × LO
0
1
2
3
M × IF
−3
84
106
52
75
−2
60
98
46
57
−1
70
64
N/A
47
0
N/A
32
6
18
+1
70
47
0
54
+2
59
74
47
N/A
+3
83
75
51
N/A
RF = 27 GHz, LO frequency = 12.25 GHz at LO input power =
4 dBm, IF input power = −10 dBm
N × LO
0
1
2
3
M × IF
−3
82
103
52
N/A
−2
59
100
37
56
−1
69
65
N/A
46
0
N/A
33
5
19
+1
69
58
0
51
+2
59
73
47
N/A
+3
82
76
51
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com