Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC815BLC5TR-R5 Datasheet(PDF) 19 Page - Analog Devices

Part # HMC815BLC5TR-R5
Description  21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC815BLC5TR-R5 Datasheet(HTML) 19 Page - Analog Devices

Back Button HMC815BLC5TR-R5 Datasheet HTML 15Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 16Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 17Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 18Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 19Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 20Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 21Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 22Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Data Sheet
HMC815B
Rev. 0 | Page 19 of 30
ISOLATION AND RETURN LOSS
50
40
0
5
10
15
20
25
30
35
45
19
20
21
22
24
26
30
28
23
25
27
29
2× LO FREQUENCY (GHz)
+85°C, IF1
+25°C, IF1
–40°C, IF1
+85°C, IF2
+25°C, IF2
–40°C, IF2
Figure 82. 2× LO to IF Isolation vs. 2× LO Frequency over Temperature,
LO Power = 4 dBm
60
0
10
20
30
40
50
19
20
21
22
24
26
30
28
23
25
27
29
2× LO FREQUENCY (GHz)
0dBm, IF1
2dBm, IF1
4dBm, IF1
6dBm, IF1
0dBm, IF2
2dBm, IF2
4dBm, IF2
6dBm, IF2
Figure 83. 2× LO to IF Isolation vs. 2× LO Frequency over LO Powers,
TA = 25°C
70
50
0
10
20
30
40
60
9.5
10.0 10.5 11.0
12.0
13.0
15.0
14.0
11.5
12.5
13.5
14.5
1× LO FREQUENCY (GHz)
+85°C, IF1
+25°C, IF1
–40°C, IF1
+85°C, IF2
+25°C, IF2
–40°C, IF2
Figure 84. 1× LO to IF Isolation vs. 1× LO Frequency over Temperature,
LO Power = 4 dBm
70
50
0
10
20
30
40
60
9.5
10.0 10.5 11.0
12.0
13.0
15.0
14.0
11.5
12.5
13.5
14.5
1× LO FREQUENCY (GHz)
0dBm, IF1
2dBm, IF1
4dBm, IF1
6dBm, IF1
0dBm, IF2
2dBm, IF2
4dBm, IF2
6dBm, IF2
Figure 85. 1× LO to IF Isolation vs. 1× LO Frequency over LO Powers,
TA = 25°C
30
0
5
10
15
20
25
19
20
21
22
24
26
30
28
23
25
27
29
2× LO FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 86. 2× LO to RF Isolation vs. 2× LO Frequency over Temperature,
LO Power = 4 dBm
30
0
5
10
15
20
25
19
20
21
22
24
26
30
28
23
25
27
29
2× LO FREQUENCY (GHz)
0dBm
2dBm
4dBm
6dBm
Figure 87. 2× LO to RF Isolation vs. 2× LO Frequency over LO Powers,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com