Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC815BLC5TR-R5 Datasheet(PDF) 2 Page - Analog Devices

Part # HMC815BLC5TR-R5
Description  21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC815BLC5TR-R5 Datasheet(HTML) 2 Page - Analog Devices

  HMC815BLC5TR-R5 Datasheet HTML 1Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 2Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 3Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 4Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 5Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 6Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 7Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 8Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
HMC815B
Data Sheet
Rev. 0 | Page 2 of 30
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
Thermal Resistance ...................................................................... 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Interface Schematics..................................................................... 6
Typical Performance Characteristics ............................................. 7
IF = 2500 MHz, IF Input Power = 0 dBm, Lower Sideband
(High-Side LO) ............................................................................. 7
IF = 100 MHz, IF Input Power = 0 dBm, Lower Sideband
(High-Side LO) ............................................................................. 9
IF = 3750 MHz, IF Input Power = 0 dBm, Lower Sideband
(High-Side LO) ........................................................................... 11
IF = 100 MHz, IF Input Power = 0 dBm, Upper Sideband
(Low-Side LO) ............................................................................ 13
IF = 2500 MHz, RF Input Power = 0 dBm, Upper Sideband
(Low-Side LO) ............................................................................ 15
IF = 3750 MHz, RF Input Power = 0 dBm, Upper Sideband
(Low-Side LO) ............................................................................ 17
Isolation and Return Loss ......................................................... 19
IF Bandwidth Performance: Lower Sideband (High-Side LO)..22
IF Bandwidth Performance: Upper Sideband (Low-Side LO) ...23
Spurious Performance ............................................................... 24
Theory of Operation ...................................................................... 26
Applications Information .............................................................. 27
Typical Application Circuit....................................................... 27
Evaluation Board Information ................................................. 28
Outline Dimensions....................................................................... 30
Ordering Guide .......................................................................... 30
REVISION HISTORY
1/2018—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com