Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC815BLC5TR-R5 Datasheet(PDF) 11 Page - Analog Devices

Part # HMC815BLC5TR-R5
Description  21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC815BLC5TR-R5 Datasheet(HTML) 11 Page - Analog Devices

Back Button HMC815BLC5TR-R5 Datasheet HTML 7Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 8Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 9Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 10Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 11Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 12Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 13Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 14Page - Analog Devices HMC815BLC5TR-R5 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Data Sheet
HMC815B
Rev. 0 | Page 11 of 30
IF = 3750 MHz, IF INPUT POWER = 0 dBm, LOWER SIDEBAND (HIGH-SIDE LO)
20
0
2
4
6
8
10
12
14
16
18
20
21
22
23
24
25
26
27
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 34. Conversion Gain vs. RF Frequency over Temperature,
LO Power = 4 dBm
20
0
2
4
6
8
10
12
14
16
18
20
21
22
23
24
25
26
27
RF FREQUENCY (GHz)
0dBm
2dBm
4dBm
6dBm
Figure 35. Conversion Gain vs. RF Frequency over LO Powers, TA = 25°C
20
0
2
4
6
8
10
12
14
16
18
20
21
22
23
24
25
26
27
RF FREQUENCY (GHz)
4.25V
4.50V
4.75V
Figure 36. Conversion Gain vs. RF Frequency over VDD1,
LO Power = 4 dBm, TA = 25°C
40
0
5
10
15
20
25
30
35
20
21
22
23
24
25
26
27
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 37. Sideband Rejection vs. RF Frequency over Temperature,
LO Power = 4 dBm
40
0
5
10
15
20
25
30
35
20
21
22
23
24
25
26
27
RF FREQUENCY (GHz)
0dBm
2dBm
4dBm
6dBm
Figure 38. Sideband Rejection vs. RF Frequency over LO Powers, TA = 25°C
40
0
5
10
15
20
25
30
35
20
21
22
23
24
25
26
27
RF FREQUENCY (GHz)
4.25V
4.50V
4.75V
Figure 39. Sideband Rejection vs. RF Frequency over VDD1,
LO Power = 4 dBm, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com