Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6317ACCZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADL6317ACCZ-R7
Description  Transmit VGA for Use with RF DACs and Transceivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6317ACCZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADL6317ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
ADL6317
Data Sheet
Rev. B | Page 26 of 38
Address: 0x001, Reset: 0x00, Name: REG_0X0001
Single Instruction
Master Slave Transfer
CSB Stall
Soft Reset
Master Slave Readback
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] SINGLE_INSTRUCTION (R/W)
[0] MASTER_SLAVE_TRANSFER (R/W)
[6] CSB_STALL (R/W)
[2:1] SOFT_RESET (R/W)
[5] MASTER_SLAVE_RB (R/W)
[4:3] RESERVED
Table 23. Bit Descriptions for REG_0X0001
Bits
Bit Name
Description
Reset
Access
7
SINGLE_INSTRUCTION
Single Instruction
0x0
R/W
6
CSB_STALL
CS Stall
0x0
R/W
5
MASTER_SLAVE_RB
Master Slave Readback
0x0
R/W
[4:3]
RESERVED
Reserved
0x0
R
[2:1]
SOFT_RESET
Soft Reset
0x0
R/W
0
MASTER_SLAVE_TRANSFER
Master Slave Transfer
0x0
R/W
Address: 0x003, Reset: 0x00, Name: CHIPTYPE
Chip Type, Read Only
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] CHIPTYPE (R)
Table 24. Bit Descriptions for CHIPTYPE
Bits
Bit Name
Description
Reset
Access
[7:0]
CHIPTYPE
Chip Type, Read Only
0x0
R
Address: 0x004, Reset: 0x00, Name: PRODUCT_ID_L
Product ID Low, Lower 8 Bits
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] PRODUCT_ID[7:0] (R)
Table 25. Bit Descriptions for PRODUCT_ID_L
Bits
Bit Name
Description
Reset
Access
[7:0]
PRODUCT_ID[7:0]
Product ID Low, Lower 8 Bits
0x0
R
Address: 0x005, Reset: 0x00, Name: PRODUCT_ID_H
Product ID High, Higher 8 Bits
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] PRODUCT_ID[15:8] (R)
Table 26. Bit Descriptions for PRODUCT_ID_H
Bits
Bit Name
Description
Reset
Access
[7:0]
PRODUCT_ID[15:8]
Product ID High, Higher 8 Bits
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com