Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6317ACCZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL6317ACCZ-R7
Description  Transmit VGA for Use with RF DACs and Transceivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6317ACCZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL6317ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
ADL6317
Data Sheet
Rev. B | Page 14 of 38
THEORY OF OPERATION
The ADL6317 is a highly integrated transmit VGA used to
interface an RF DAC to the power amplifier in a transmitter.
The ADL6317 targets high dynamic range multicarrier
transmitter designs.
The ADL6317 offers multiple gain control options with an
integrated 20.5 dB VVA, on-chip DAC control or external
voltage control, a high linearity amplifier, an RF DSA with a
15.5 dB attenuation range in 0.5 dB steps, followed by the
second stage high linearity amplifier.
Putting all the building blocks of the ADL6317 together, the
signal path through the device starts with differential inputs
converted to singled-ended by the integrated balun and this
single-ended signal is then quadrature coupled by the internal
quadrature hybrid.
Next, the integrated VVA, Amplifier 1, DSA, and Amplifier 2
optimize the RF signal amplitude for performance before the
RF signal passes through the output quadrature hybrid. All the
integrated building blocks of the ADL6317 are programmable via
the SPI.
RF INPUT BALUN WITH DAC INTERFACE
NETWORK
The ADL6317 converts a single-channel, 50 Ω, input differen-
tial signal to a single-ended signal via the integrated balun.
Wideband matching allows the DAC to operate over a
frequency range from 1500 MHz to 3000 MHz, and a bias tee is
included to provide dc bias for the RF DAC.
QUADRATURE HYBRID
Integrated quadrature hybrids at the RF input and RF output
allow wideband performance gain and match with a low input
and output reflection coefficient to the RF DAC and PA.
RF SIGNAL CHAIN
The RF path includes a 20.5 dB VVA, the first stage of the fixed
gain amplifier, a 15.5 dB DSA, and the second stage of the fixed
gain amplifier (see Figure 38). The ADL6317 has two modes of
control of the VVA attenuation: internal analog control using an
integrated 12-bit DAC and external analog control. For internal
control, use Register 0x104, Bits[3:0] and Register 0x103, Bits[7:0]
to set the attenuation. The digital bits are double buffered to
avoid major carrier glitch. For this reason, Register 0x104 must
be written before Register 0x103. For external analog control of
the VVA, a control voltage is applied to the VVA_ANALOG pin
(Pin 30). Sample register writes for VVA control are shown in
Figure 38.
Table 7. Register Writes for the Control of VVA
Addres
s
Bits
Settings
Description
0x105
[1:0]
00
DAC to VVA
10
VVA_ANALOG (Pin 30) to VVA
0x104
[3:0]
User
defined
12-bit DAC code to set VVA
attenuation; first, write to
Register 0x104, Bits[3:0], and
then to Register 0x103, Bits[7:0]
0x103
[7:0]
User
defined
Next, the fixed gain amplifier is used in a quadrature balanced
configuration. The DSA provides a 15.5 dB range with 0.5 dB
step resolution. The digital 5-bit DSA attenuation control is found
in Bits[4:0] of Register 0x102 and Register 0x112. Finally, the
second stage fixed gain amplifier is used in a quadrature
balanced configuration.
DAC
30
VVA_ANALOG
2
0
VVA CONTROL
VVA
AMP
POWER UP
DEFAULT
IN GRAY
VVA_SRC
REGISTER 0x105, BITS[1:0]
REGISTER 0x102, BITS[4:0] (TXEN = 0)
REGISTER 0x112, BITS[4:0] (TXEN = 1)
DSA
QUADRATURE
HYBRID
AMP
VVA_ATTEN, BITS[11:0] =
REGISTER 0x104, BITS[3:0]
AND
REGISTER 0x103, BITS[7:0]
BALUN
QUADRATURE
HYBRID
Figure 38. RF Signal Chain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com