Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6317ACCZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL6317ACCZ-R7
Description  Transmit VGA for Use with RF DACs and Transceivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6317ACCZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL6317ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Data Sheet
ADL6317
Rev. B | Page 21 of 38
APPLICATIONS INFORMATION
LINEARITY OPTIMIZATION
The linearity in the ADL6317 can be optimized through
the TRM_AMP2_IP3 (Register 0x11B, Bits[1:0]) and
TRM_AMP2_CB (Register 0x10B, Bits[1:0]) settings. Set the
IP3_OFF bit (Register 0x101, Bit 1) 0x00 for OIP3
optimization. The TRM_AMP2_IP3 bits control the switches in
the second amplifier that enables optimal third-order distortion
cancellation and optimal OIP3. The TRM_AMP2_CB bits
control the common base bias current on the transistor and
allows additional linearity optimization.
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
FREQUENCY (MHz)
TRM_AMP2_IP3 = 0
TRM_AMP2_IP3 = 1
TRM_AMP2_IP3 = 2
TRM_AMP2_IP3 = 3
Figure 43. OIP3 vs. RF Frequency for Various TRM_AMP2_IP3 Settings,
TRM_AMP2_CB = 0x02, TRM_AMP1_IREF_x and TRM_AMP2_IREF_x = 0x02
Figure 43 shows that the OIP3 is optimizable across the
TRM_AMP2_IP3 settings.
Figure 43 shows better than 1.5 dB OIP3 improvement that
correlates to 3 dB improvement on IMD3 performance at
below 1.9 GHz through linearity optimization.
PERFORMANCE AND POWER OPTIMIZATION
The ADL6317 provides another level of control to optimize
power or performance. In applications where performance is
critical, the ADL6317 offers performance optimization at the
expense of power consumption. However, if low power is the
priority, the ADL6317 offers tuning options in the amplifier
blocks of the chip to further reduce power consumption.
Table 20 shows that the potential power optimization vs.
performance can fine tune the reference current on RF
amplifier settings.
ADJACENT AND ALTERNATE CHANNEL POWER
RATIOS ON LTE OPERATION
Figure 44 shows the adjacent and alternate channel power
ratios (CPR) for the ADL6317 using 5 MHz single-carrier LTE.
The adjacent CPR is −70.4 dB and the alternative CPR is
−72.9 dB at an RF of 1850 MHz. The adjacent and alternate CPR
performance varies over output power. On the ADL6317, the
output power can be varied by adjusting the input power, the
VVA attenuation, or the DSA attenuation. Figure 45 to Figure 47
show the adjacent and alternate CPR performance vs. output
power for the different methods of controlling the ADL6317.
As shown in Figure 45, the optimum adjacent and alternate
CPR can be achievable at an output power of +8 dBm, which
corresponds to an input power of −24.6 dBm driving the ADL6317
where the internal VVA is set to 0 dB, and the DSA is set to
0 dB attenuation. Figure 46 and Figure 47 show adjacent and
alternate CPR performance vs. output power that is adjusted by
VVA attenuation and by DSA attenuation, respectively, with
−17.2 dBm of input power. Figure 45 to Figure 47 show below
−65 dB adjacent and alternate CPR performance at below
+10 dBm output power, and there is gradual degradation above
+10 dBm from the contribution to the adjacent and alternate
CPR performance of the second stage RF amplifier. When
fixing the VVA attenuation and sweeping the DSA, the
adjacent and alternate CPR performance remains constant
below 6 dBm output power (see Figure 47).
Table 20. Power Optimization vs. Performance at 1850 MHz, VVA Attenuation= 0 dB, DSA Attenuation = 0 dB, TRM_AMP2_IP3 = 0x02
TRM_AMPx_IREF_1 Setting (Decimal),
Register 0x117 and Register 0x119, Bits[3:0]
DC Power (W)
Gain (dB)
OP1dB (dBm)
OIP3 (dBm)
NF (dB)
3
2.36
33.1
25.8
40.3
6.6
2
2.10
33.1
25.6
40.3
5.9
1
1.84
33.1
25.1
39.2
5.8
0
1.55
32.8
24.3
36.9
5.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com