Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6317ACCZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL6317ACCZ-R7
Description  Transmit VGA for Use with RF DACs and Transceivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6317ACCZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL6317ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Data Sheet
ADL6317
Rev. B | Page 7 of 38
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND 1
GND 2
IN_N
EPAD1
EPAD2
3
GND
20
7
8
9
10
26
IN_P 4
VDAC 5
GND 6
11 12 13 14 15 16 17 18 19
27
28
29
30
31
32
33
34
35
36
37
38
GND
21
GND
22
RFOUT
23
GND
24
GND
25
ADL6317
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NOT INTERNALLY CONNECTED. THIS PIN HAS NO PHYSICAL CONNECTION WITHIN THE CHIP.
2. EXPOSED PAD 1. EPAD1 IS INTERNALLY CONNECTED TO EPAD2. THE EXPOSED PAD MUST BE
CONNECTED TO GROUND FOR ELECTRICAL AND THERMAL PURPOSES.
3. EXPOSED PAD 2. EPAD2 IS INTERNALLY CONNECTED TO EPAD1. THE EXPOSED PAD MUST BE
CONNECTED TO GROUND FOR ELECTRICAL AND THERMAL PURPOSES.
Figure 5. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 6, 7, 8, 9, 12, 14, 19, 20, 21, 22, 24,
25, 26, 31, 38
GND
Ground.
3
IN_N
RF Input, Negative.
4
IN_P
RF Input, Positive.
5
VDAC
Supply Voltage for External RF DAC. This pin can be left open during operation
without the RF DAC.
10, 11, 16, 18, 27
NIC
No Internal Connection. These pins have no physical connection within the chip.
13
V50AMP1
Amplifier 1 Analog Power Supply (5.0 V).
15
V33FUSE
VCO Low Dropout (LDO) Regulator Bypass. This pin is optionally 3.3 V when the
3.3 V LDO regulator is off.
17
V50AMP2
Amplifier 2 Analog Power Supply (5.0 V).
23
RFOUT
RF Output.
28, 29
CS4, CS5
Chip Select. Connect these pins to ground. Refer to the Multiple Chip
Operation to Share SPI Bus section for information about the connections in a
multiple chip operation.
30
VVA_ANALOG
Analog Voltage Control for VVA.
32
MUXOUT
Test Mux Output.
33
SDO
Serial Port Data Output.
34
SCLK
Serial Port Clock Input.
35
SDI
Serial Port Data Input.
36
CS
Serial Port Latch Enable Input.
37
TXEN
Amplifier Enable, DSA Attenuation, and Trim Value Selection.
EPAD1
Exposed Pad 1. EPAD1 is internally connected to EPAD2. The exposed pad must
be connected to ground for electrical and thermal purposes.
EPAD2
Exposed Pad 2. EPAD2 is internally connected to EPAD1. The exposed pad must
be connected to ground for electrical and thermal purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com