Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6317ACCZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL6317ACCZ-R7
Description  Transmit VGA for Use with RF DACs and Transceivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6317ACCZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL6317ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Data Sheet
ADL6317
Rev. B | Page 3 of 38
SPECIFICATIONS
V50AMP1 = V50AMP2 = 5 V, TA = 25°C, input power (PIN) = −25 dBm (−25 dBm per tone for two tones), VVA attenuation = 0 dB, DSA
attenuation = 0 dB, source resistance (RS) = load resistance (RL) = 50 Ω, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Units
FREQUENCY RANGE
1500
3000
MHz
1850 MHz
Power Gain
33.7
dB
Output 1 dB Compression Point (OP1dB)
25.7
dBm
Output Second-Order Intercept (OIP2)
49.2
dBm
Output Third-Order Intercept (OIP3)
40.9
dBm
Second Harmonic (HD2)
82.1
dBc
Third Harmonic (HD3)
47.2
dBc
Noise Figure (NF)
6.0
dB
2150 MHz
Power Gain
33.6
dB
OP1dB
24.8
dBm
OIP2
51.8
dBm
OIP3
38.4
dBm
HD2
76.1
dBc
HD3
48.8
dBc
NF
6.0
dB
2600 MHz
Power Gain
34.0
dB
OP1dB
22.8
dBm
OIP2
53.8
dBm
OIP3
34.5
dBm
HD2
84.6
dBc
HD3
50.7
dBc
NF
5.5
dB
RF INPUT/OUTPUT CHARACTERISTICS
Input
Impedance
Differential
50
Ω
Return Loss
Inband, 2150 MHz
−18
dB
Output
Impedance
Single-ended
50
Ω
Return Loss
Inband, 2150 MHz
−17.4
dB
Gain Flatness
Deviation from best linear fit at 1850 MHz, 2150 MHz,
and 2600 MHz
Over ±100 MHz bandwidth
±0.1
dB
Over ±150 MHz bandwidth
±0.2
dB
VOLTAGE VARIABLE ATTENUATOR
Via 12-bit integrated DAC or external analog voltage on
VVA_ANALOG pin
Range
20.5
dB
Gain Settling Time
Minimum attenuation to maximum attenuation by VVA
DAC
386.8
ns
Maximum attenuation to minimum attenuation by VVA
DAC
1.681
µs
DSA Attenuation
Range
15.5
dB
Resolution
0.5
dB
Gain Settling Time
Minimum attenuation to maximum attenuation
304.4
ns
Maximum attenuation to minimum attenuation
195.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com