Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6317ACCZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL6317ACCZ-R7
Description  Transmit VGA for Use with RF DACs and Transceivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6317ACCZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL6317ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Data Sheet
ADL6317
Rev. B | Page 9 of 38
20.0
20.5
21.0
21.5
22.0
22.5
23.0
23.5
24.0
24.5
25.0
25.5
26.0
26.5
27.0
27.5
28.0
28.5
29.0
29.5
30.0
FREQUENCY (MHz)
SUPPLY VOLTAGE = 4.75V
SUPPLY VOLTAGE = 5.00V
SUPPLY VOLTAGE = 5.25V
Figure 12. OP1dB vs. Frequency for Various Supplies
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
FREQUENCY (MHz)
TC = –20°C
TC = +40°C
TC = +105°C
Figure 13. OP1dB vs. Frequency for Various Temperatures
30
32
34
36
38
40
42
44
46
48
50
52
54
56
58
60
FREQUENCY (MHz)
OIP3 (dBm)
OIP2 (dBm)
VVA ATTENUATION = 0dB
VVA ATTENUATION = 10dB
VVA ATTENUATION = 20.5dB
Figure 14. OIP3/OIP2 vs. Frequency at Various VVA Attenuation Values,
DSA Attenuation = 0 dB
FREQUENCY (MHz)
OIP3 (dBm)
OIP2 (dBm)
DSA ATTENUATION = 0dB
DSA ATTENUATION = 8dB
DSA ATTENUATION = 15.5dB
25
27
29
31
33
35
37
39
41
43
45
47
49
51
53
55
57
59
61
63
65
Figure 15. OIP3/OIP2 vs. Frequency at Various DSA Values,
VVA Attenuation = 0 dB
30
32
34
36
38
40
42
44
46
48
50
52
54
56
58
60
FREQUENCY (MHz)
OIP3 (dBm)
OIP2 (dBm)
TC = +105°C
TC = +40°C
TC = –20°C
Figure 16. OIP3/OIP2 vs. Frequency for Various Temperatures
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
INPUT POWER (dBm)
TC = +105°C
TC = +40°C
TC = –20°C
FREQUENCY = 1850MHz
FREQUENCY = 2150MHz
FREQUENCY = 2600MHz
Figure 17. OIP3 vs. Input Power for Various Temperatures at 1850 MHz,
2150 MHz, and 2600 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com