Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6317ACCZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL6317ACCZ-R7
Description  Transmit VGA for Use with RF DACs and Transceivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6317ACCZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL6317ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
ADL6317
Data Sheet
Rev. B | Page 6 of 38
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
V50AMP1, V50AMP2
−0.3 V to +5.5V
V33FUSE
−0.3 V to +3.6 V
VDAC
−0.3 V to +3.6 V
VVA_ANALOG
−0.3 V to +3.6 V
CS, SCLK, SDI, SDO, CS4, CS5, TXEN
−0.3 V to +3.6 V
RF Input Power (IN_N, IN_P) at 50 Ω
10 dBm
Operating Temperature Range
(Measured at Exposed Pad)
−40°C to +105°C
Junction Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure. θJC is
the conduction thermal resistance from junction to case where
the case temperature is measured at the bottom of the package.
The thermal resistance values specified in Table 5 are simulated
based on JEDEC specifications (unless specified otherwise) and
should be used in compliance with JESD51-12.
Table 5. Thermal Resistance1,2
Package Type
θJA
θJC BOTTOM
Unit
CC-38-1
21.4
7.6
°C/W
1
For θJC BOTTOM, the case bottom is controlled at105°C and the case top is
controlled at 100°C.
2
Using enhanced heat removal (for example, PCB, heat sink, and airflow)
techniques to improve thermal resistance values.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com