Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6317ACCZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADL6317ACCZ-R7
Description  Transmit VGA for Use with RF DACs and Transceivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6317ACCZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADL6317ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 36Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 37Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 38 page
background image
ADL6317
Data Sheet
Rev. B | Page 38 of 38
OUTLINE DIMENSIONS
10.60
10.50
10.40
5.60
5.50
5.40
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
6
7
19
20
25
26
38
0.70
BSC
0.20
BSC
0.70
BSC
3.50 REF
0.10
REF
8.40 REF
0.530 REF
3.50 BSC
0.45
0.40
0.35
0.50
0.45
0.40
0.498
0.448
0.398
1.08
0.98
0.88
PIN 1
CORNER AREA
SEATING
PLANE
8.50 BSC
4.15 BSC
PIN 1
INDICATOR
C 0.30 ×0.45°
FOR PROPER CONNECTION OF
THE EXPOSED PADS, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 50. 38-Terminal Land Grid Array [LGA]
(CC-38-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range2
Package Description
Package Option
ADL6317ACCZ
−40°C to +105°C
38-Terminal Land Grid Array [LGA]
CC-38-1
ADL6317ACCZ-R7
−40°C to +105°C
38-Terminal Land Grid Array [LGA]
CC-38-1
ADL6317-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part
2
Measured at the exposed pad.
©2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D20829-5/20(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com