Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6317ACCZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL6317ACCZ-R7
Description  Transmit VGA for Use with RF DACs and Transceivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6317ACCZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL6317ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Transmit VGA for Use with
RF DACs and Transceivers
Data Sheet
ADL6317
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Transmit VGA for RF DAC, transceiver, and SoC to power
amplifier interface
RF output frequency range: 1500 MHz to 3000 MHz
Internal balun with bias-tee to supply RF DAC outputs
Integrated VVA attenuation range with on-chip DAC: 20.5 dB
2-stage high linearity amplifiers
RF DSA attenuation range: 15.5 dB with 0.5 dB step
resolution
50 Ω differential inputs and 50 Ω single-ended output
Fully programmable via a 4-wire SPI
Single 5 V supply
38-terminal, 10.5 mm × 5.5 mm LGA
APPLICATIONS
2G/3G/4G/long-term evolution (LTE) in FDD/TDD broadband
communication systems
GENERAL DESCRIPTION
The ADL6317 is a transmit variable gain amplifier (VGA) that
provides an interface from radio frequency digital-to-analog
converters (RF DACs), transceivers, and systems on a chip (SoC)
to power amplifiers. Integrated balun and hybrid couplers allow
high performance RF capability in the frequency range of
1500 MHz to 3000 MHz.
To optimize performance vs. power level, the ADL6317
includes a voltage variable attenuator (VVA), high linearity
amplifiers, and a digital step attenuator (DSA). All of the
devices integrated into the ADL6317 are programmable via a
4-wire serial port interface (SPI).
The ADL6317 is manufactured on an advanced silicon
germanium (SiGe), bipolar complementary metal oxide
semiconductor (BiCMOS) process.
Table 1. Related Devices in Transmit VGA Family
Parameter
Frequency Range (MHz)
ADL6316
500 to 1000
ADL6317
1500 to 3000
FUNCTIONAL BLOCK DIAGRAM
DAC
AMP1
ADL6317
CS5
MUXOUT
VVA_ANALOG
ANALOG
MUX
TEMPERATURE
SENSOR
3.3V
LDO
1.8V SPI
LDO
ADC
GND
GND
SERIAL PORT INTERFACE
FUSE
BLOCK
AMP1
AMP2
AMP2
VVA
TXEN
CS
SDI
SCLK
SDO
GND
GND
GND
GND
IN_N
IN_P
VDAC
GND
GND
GND
GND
GND
V50AMP1
V33FUSE
V50AMP2
GND
GND
RFOUT
GND
GND
GND
GND
CS4
VVA
DSA
DSA
Figure 1.


Similar Part No. - ADL6317ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL6317 AD-ADL6317 Datasheet
1Mb / 37P
500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
10/2019-Revision 0
More results

Similar Description - ADL6317ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1028NLT PULSE-H1028NLT Datasheet
580Kb / 4P
For Use with Transceivers Requiring 1:1 Transmit and Receive Turns Ratios
logo
Winchester Electronics ...
1203-24-7 WINCHESTER-1203-24-7 Datasheet
251Kb / 1P
FOR USE WITH BELDEN RF 600 CABLE
1203-27-7 WINCHESTER-1203-27-7 Datasheet
256Kb / 1P
FOR USE WITH BELDEN RF 200 CABLE
1203-28-7 WINCHESTER-1203-28-7 Datasheet
246Kb / 1P
FOR USE WITH RF 300 CABLE
1203-29-9 WINCHESTER-1203-29-9 Datasheet
94Kb / 1P
FOR USE WITH BELDEN RF 500 CABLE
1203-30-9 WINCHESTER-1203-30-9 Datasheet
95Kb / 1P
FOR USE WITH BELDEN RF 100 CABLE
1203-31-7 WINCHESTER-1203-31-7 Datasheet
260Kb / 1P
FOR USE WITH BELDEN RF 195 CABLE
1203-32-7 WINCHESTER-1203-32-7 Datasheet
257Kb / 1P
FOR USE WITH BELDEN RF 240 CABLE
1203-34-9 WINCHESTER-1203-34-9 Datasheet
69Kb / 1P
FOR USE WITH BELDEN RF 500 CABLE
logo
Analog Devices
ADL6316 AD-ADL6316 Datasheet
1Mb / 37P
500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
10/2019-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com