Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6317ACCZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL6317ACCZ-R7
Description  Transmit VGA for Use with RF DACs and Transceivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6317ACCZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL6317ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
ADL6317
Data Sheet
Rev. B | Page 8 of 38
TYPICAL PERFORMANCE CHARACTERISTICS
V50AMP1 = V50AMP2 = 5 V, TA = 25°C, input power= −25 dBm (−25 dBm per tone for two tones), VVA attenuation = 0 dB, DSA attenuation
= 0 dB, RS = RL = 50 Ω, unless otherwise noted.
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
FREQUENCY (MHz)
DSA_ATTEN_x[4:0] = 0 (Decimal)
DSA_ATTEN_x[4:0] = 31 (Decimal)
Figure 6. Gain vs. Frequency, 0.5 dB DSA Steps
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
FREQUENCY (MHz)
VVA_ATTEN[11:0] = 4000 (Decimal)
VVA_ATTEN[11:0] = 0 (Decimal)
Figure 7. Gain vs. Frequency, 100 VVA_ATTEN[11:0] Steps
30.00
30.25
30.50
30.75
31.00
31.25
31.50
31.75
32.00
32.25
32.50
32.75
33.00
33.25
33.50
33.75
34.00
34.25
34.50
34.75
35.00
FREQUENCY (MHz)
SUPPLY VOLTAGE = 4.75V
SUPPLY VOLTAGE = 5.00V
SUPPLY VOLTAGE = 5.25V
Figure 8. Gain vs. Frequency for Various Supplies
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
FREQUENCY (MHz)
TC = –20°C
TC = +40°C
TC = +105°C
Figure 9. Gain vs. Frequency for Various Temperatures
–20
–19
–18
–17
–16
–15
–14
–13
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32
DSA_ATTEN_x[4:0] (Decimal Code)
FREQUENCY = 1850MHz
FREQUENCY = 2140MHz
FREQUENCY = 2600MHz
Figure 10. Attenuation vs. DSA_ATTEN_x[4:0] at 1850 MHz, 2150 MHz, and
2600 MHz, VVA Attenuation = 0 dB
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
–25
–24
–23
–22
–21
–20
–19
–18
–17
–16
–15
–14
–13
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
0
500
1000
1500
2000
2500
3000
3500
VVA_ATTEN[11:0] (Decimal Code)
FREQUENCY = 1850MHz
FREQUENCY = 2140MHz
FREQUENCY = 2600MHz
Figure 11. Attenuation and VVA Voltage vs. VVA_ATTEN[11:0] at 1850 MHz,
2150 MHz, and 2600 MHz, DSA Attenuation = 0 dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com