Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6317ACCZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL6317ACCZ-R7
Description  Transmit VGA for Use with RF DACs and Transceivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6317ACCZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL6317ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
Data Sheet
ADL6317
Rev. B | Page 15 of 38
BASIC CONNECTIONS
10PF
0.1µF
270PF
ADL6317
RFOUT
VDAC
C9
C12
C5
R11
560Ω
U1
VVA_ANALOG
V50AMP1
V50AMP2
SDO
1
3
4
34
32
23
15
13
17
5
30
AGND
0.1µF
C14
AGND
AGND
10pF
0.1µF
C8
C11
1µF
C6
0.1µF
C13
AGND
AGND
AGND
AGND
AGND
TXEN
SDI
CS
MUXOUT
VVA_ANALOG
RFOUT
V50AMP2
V33FUSE
V50AMP1
VDAC
IN_P
IN_N
28
IN_N
33
SCLK
SDO
SCLK
35
SDI
CS
TXEN
36
37
V33FUSE
MUXOUT
CS5
CS4
29
AGND
IN_P
AGND
AGND
Figure 39. Basic Connections
Table 8. Basic Connections
Functional Blocks
Pin No.
Mnemonic
Description
Basic Connection
5 V
13, 17
V50AMP1,
V50AMP2
Amplifier analog supply voltage,
5 V
Decouple these pins via 10 pF and 0.1 µF
capacitors to ground. Ensure that the decoupling
capacitors are located close to the pins.
Decoupling
15
V33FUSE
3.3 V LDO regulator decoupling
Decouple this pin via 0.1 µF and 1 µF capacitors
to ground. Ensure that the decoupling capacitors
are located close to the pin.
RF Inputs
5
VDAC
Supply voltage for external RF DAC
VDAC can be left open during operation without
the RF DAC.
3, 4
IN_N, IN_P
Differential RF inputs
Connect the IN_N and IN_P pins to an RF DAC or
transceiver output in differential configuration.
VVA
30
VVA_ANALOG
External VVA control voltage input
Voltage input pin to control VVA attenuation.
RF Output
23
RFOUT
Single-ended RF output
Connect RF output to power meter, network
analyzer, noise figure meter, or spectrum analyzer.
Serial Port
33
SDO
SPI data output
1.8 V to 3.3 V tolerant logic levels.
34
SCLK
SPI clock
1.8 V to 3.3 V tolerant logic levels.
35
SDI
SPI data input
1.8 V to 3.3 V tolerant logic levels.
36
CS
Chip select active low
1.8 V to 3.3 V tolerant logic levels.
Auxiliary Mux
32
MUXOUT
Mux output
Connect mux output to multimeter, oscilloscope,
or spectrum analyzer.
Chip Selection
28, 29
CS4, CS5
Chip selection
Connect these pins to ground.
Mode Control
37
TXEN
Amplifier enable, DSA attenuation,
and trim value selection
1.8 V to 3.3 V tolerant logic levels.
Ground
1, 2, 6 to 9, 12,
14, 19 to 22, 24
to 26, 31, 38
GND
Ground
Connect these pins to the ground of the PCB.
Exposed Pad
Not applicable
EPAD1, EPAD2
Exposed pads
The exposed thermal pads are on the bottom of
the package. Solder the exposed pads to the PCB
ground. EPAD1 and EPAD2 are internally
connected to each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com