Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6317ACCZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADL6317ACCZ-R7
Description  Transmit VGA for Use with RF DACs and Transceivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6317ACCZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADL6317ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
ADL6317
Data Sheet
Rev. B | Page 28 of 38
Address: 0x013, Reset: 0x00, Name: SPARE_013
Spare Register 0x013
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] SPARE_013 (R)
Table 32. Bit Descriptions for SPARE_013
Bits
Bit Name
Description
Reset
Access
[7:0]
SPARE_013
Spare Register 0x013
0x0
R
Address: 0x100, Reset: 0x40, Name: SIG_PATH0_0
DAC Enable
Auxiliary Mux Bandgap Enable
VVA Enable
ADC Enable
DSA Enable
Enable Bias Generator
0
0
1
0
2
0
3
0
4
0
5
0
6
1
7
0
[7] DAC_EN (R/W)
[1:0] RESERVED
[6] AMUX_BG_EN (R/W)
[2] VVA_EN (R/W)
[5] ADC_EN (R/W)
[3] DSA_EN (R/W)
[4] EN_IBIASGEN (R/W)
Table 33. Bit Descriptions for SIG_PATH0_0
Bits
Bit Name
Description
Reset
Access
7
DAC_EN
DAC Enable.
0x0
R/W
0: Disable DAC.
1: Enable DAC.
6
AMUX_BG_EN
Auxiliary Mux Band Gap Enable.
0x1
R/W
0: Disable auxiliary mux band gap.
1: Enable auxiliary mux band gap.
5
ADC_EN
ADC Enable.
0x0
R/W
0: Disable ADC.
1: Enable ADC.
4
EN_IBIASGEN
Enable Bias Generator.
0x0
R/W
0: Disable bias generator.
1: Enable bias generator.
3
DSA_EN
DSA Enable.
0x0
R/W
0: Disable DSA.
1: Enable DSA.
2
VVA_EN
VVA Enable.
0x0
R/W
0: Disable VVA.
1: Enable VVA.
[1:0]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com