Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6317ACCZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL6317ACCZ-R7
Description  Transmit VGA for Use with RF DACs and Transceivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6317ACCZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL6317ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
ADL6317
Data Sheet
Rev. B | Page 12 of 38
CH1 700mV 1M
Ω –585mV
M100ns
T
10.1981000µs
CH2 980mV 50
Ω
1.58V
1
2
304.40ns
START TIME
STOP TIME
Figure 30. DSA Gain Settling Time, Minimum to Maximum DSA Attenuation
CH1 700mV 1M
Ω –585mV
M50.0ns
T
10.1197170µs
CH2 980mV 50
Ω
1.58V
1
2
195.05ns
START TIME
STOP TIME
Figure 31. DSA Gain Settling Time, Maximum to Minimum DSA Attenuation
CH1 700mV 1M
Ω –585mV
M50.0ns
T
10.1197170µs
CH2 980mV 50
Ω
1.58V
1
2
182.97ns
START TIME
STOP TIME
Figure 32. TXEN Response Time, Measured from Amplifier 1 and Amplifier 2
Disabled (DSA Attenuation = 15.5 dB) to Amplifier 1 and Amplifier 2 Enabled,
(DSA Attenuation = 0 dB)
CH1 700mV 1M
Ω –689mV
M20.0ns
T
10.0359600µs
CH2 980mV 50
Ω
1.45V
1
2
54.5ns
START TIME
STOP TIME
Figure 33. TXEN Response Time Measured from Amplifier 1 and Amplifier 2
Enabled (DSA = 0 dB) to Amplifier 1 and Amplifier 2 Disabled (DSA = 15.5 dB)
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
DSA_ATTEN_x[4:0] (Decimal Code)
DNL
INL
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32
Figure 34. DSA Gain Step Error, Frequency = 1850 MHz
0
–5
–10
–15
–25
–35
–45
–20
–30
–40
1.4
1.6
1.8
2.0
FREQUENCY (GHz)
2.2
2.4
2.6
2.8
3.0
WITHOUT TUNING, OPTIMUM ABOVE 2.1GHz
WITH TUNING TO OPTIMIZE FOR 1.8GHz TO 2.1GHz
WITH TUNING TO OPTIMIZE BELOW 1.8GHz
Figure 35. Return Loss of Differential RF Input S11 from 1.5 GHz to 3 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com