Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6317ACCZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL6317ACCZ-R7
Description  Transmit VGA for Use with RF DACs and Transceivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6317ACCZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL6317ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
ADL6317
Data Sheet
Rev. B | Page 18 of 38
SERIAL PORT INTERFACE (SPI)
The SPI of the ADL6317 allows the user to configure the device
for specific functions or operations via a 4-wire SPI port. This
interface provides users with added flexibility and customization.
The serial port interface consists of four control lines: SCLK, SDI,
SDO, and CS. The timing requirements for the SPI port are
shown in Table 3.
The ADL6317 protocol consists of a read/write bit, six chip select
ID bits, and nine register address bits, followed by eight data bits.
Both the address and data fields are organized with the MSB
first and end with the LSB by default.
The ADL6317 input logic level for the write cycle is with a 1.8 V
logic level (see the digital logic parameter in Table 2).
On a read cycle, the SDO is configurable for 1.8 V (default) or
3.3 V output levels by setting SPI_1P8_3P3_CTRL bit
(Register 0x121, Bit 4).
Multiple Chip Operation to Share SPI Bus
Multiple ADL6317 devices, up to four, can be addressed using
the same 4-wire SPI, which means no extra CS line for each
device. For this capability, the chip ID bits of the ADL6317 are
reserved as the chip ID (see the SPI interface port as shown in
Figure 2).
The ADL6317 ignores any writes to addresses where the six
MSBs are not equal to the chip ID, with the exception of
Register 0x000 to Register 0x00B. The ADL6317 always accepts
writes for these registers regardless of the six MSBs of the
address.
The ADL6317 only accepts reads for addresses where the six
MSBs are equal to the chip ID, including Register 0x000 to
Register 0x00B.
Figure 42 shows how to configure the chip ID and the CS5 and
CS4 pins to share a 4-wire SPI. The CS5 and CS4 settings are
shown in gray in Figure 42.
ADL6317
DEVICE 2
CHIP ID = 100000
4-WIRE SPI
CS, SDI, SDO, SCLK
CS5 PIN
1.8V
CS4 PIN
ADL6317
DEVICE 0
CHIP ID = 000000
CS5 PIN
CS4 PIN
ADL6317
DEVICE 3
CHIP ID = 110000
CS5 PIN
1.8V
CS4 PIN
1.8V
1.8V
ADL6317
DEVICE 1
CHIP ID = 010000
CS5 PIN
CS4 PIN
Figure 42. Multiple Chip Configuration to Share SPI Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com