Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6317ACCZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADL6317ACCZ-R7
Description  Transmit VGA for Use with RF DACs and Transceivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6317ACCZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADL6317ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
ADL6317
Data Sheet
Rev. B | Page 30 of 38
Bits
Bit Name
Description
Reset
Access
11000: 12 dB.
11001: 12.5 dB.
11010: 13 dB.
11011: 13.5 dB.
11100: 14 dB.
11101: 14.5 dB.
11110: 15 dB.
11111: 15.5 dB.
Address: 0x103, Reset: 0x00, Name: SIG_PATH3_0
VVA Attenuation DAC Setting
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] VVA_ATTEN[7:0] (R/W)
Table 36. Bit Descriptions for SIG_PATH3_0
Bits
Bit Name
Description
Reset
Access
[7:0]
VVA_ATTEN[7:0]
VVA Attenuation DAC Setting
0x0
R/W
Address: 0x104, Reset: 0x00, Name: SIG_PATH4_0
VVA Attenuation DAC Setting
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:4] RESERVED
[3:0] VVA_ATTEN[11:8] (R/W)
Table 37. Bit Descriptions for SIG_PATH4_0
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved
0x0
R
[3:0]
VVA_ATTEN[11:8]
VVA Attenuation DAC Setting
0x0
R/W
Address: 0x105, Reset: 0x00, Name: SIG_PATH5_0
VVA Voltage Source
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:2] RESERVED
[1:0] VVA_SRC (R/W)
Table 38. Bit Descriptions for SIG_PATH5_0
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
Reserved
0x0
R
[1:0]
VVA_SRC
VVA Voltage Source
0x0
R/W
00: DAC to VVA
10: Pin 30 to VVA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com