Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6317ACCZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL6317ACCZ-R7
Description  Transmit VGA for Use with RF DACs and Transceivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6317ACCZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL6317ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Data Sheet
ADL6317
Rev. B | Page 13 of 38
0
–5
–10
–15
–20
–25
–30
1.4
1.6
1.8
2.0
FREQUENCY (GHz)
2.2
2.4
2.6
2.8
3.0
Figure 36. Return Loss of Single-Ended RF Output S22 from 1.5 GHz to 3 GHz
150
155
160
165
170
175
180
185
190
195
200
205
210
215
220
225
230
235
240
245
250
FREQUENCY (MHz)
AMPLIFIER 2 CURRENT
AMPLIFIER 1 CURRENT
TC = +105°C
TC = +40°C
TC = –20°C
Figure 37. Amplifier 1 and Amplifier 2 Supply Current vs. Frequency for
Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com