Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6317ACCZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL6317ACCZ-R7
Description  Transmit VGA for Use with RF DACs and Transceivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6317ACCZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL6317ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
ADL6317
Data Sheet
Rev. B | Page 10 of 38
30
32
34
36
38
40
42
44
46
48
50
52
54
56
58
60
INPUT POWER (dBm)
TC = +105°C
TC = +40°C
TC = –20°C
FREQUENCY = 1850MHz
FREQUENCY = 2150MHz
FREQUENCY = 2600MHz
Figure 18. OIP2 vs. Input Power for Various Temperatures at 1850 MHz,
2150 MHz, and 2600 MHz
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
FREQUENCY (MHz)
TC = +105°C
TC = +40°C
TC = –20°C
VVA ATTENUATION = 0dB
VVA ATTENUATION = 10dB
VVA ATTENUATION = 20.5dB
Figure 19. Noise Figure vs. Frequency for Various Temperatures at Various
VVA Values, DSA Attenuation = 0 dB
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
FREQUENCY (MHz)
TC = +105°C
TC = +40°C
TC = –20°C
DSA ATTENUATION = 0dB
DSA ATTENUATION = 8dB
DSA ATTENUATION = 15.5dB
Figure 20. Noise Figure vs. Frequency for Various Temperatures at Various
DSA Values, VVA Attenuation = 0 dB
0
5
10
15
20
25
30
35
40
45
50
55
60
0 1
2 3
4 5
6 7
8
9 10 11 12 13 14 15 16 17 18 19 20
VVA ATTENUATION (dB)
OIP2 (dBm)
OIP3 (dBm)
GAIN (dB)
OP1dB (dBm)
NOISE FIGURE (dB)
Figure 21. Gain, OP1dB, OIP3, OIP2, Noise Figure vs. VVA Attenuation,
DSA Attenuation = 0 dB, Frequency = 1850 MHz
0
5
10
15
20
25
30
35
40
45
50
55
60
0
1
2
3
4
5
6
7
8
9
10
11 12 13 14 15 16
DSA ATTENUATION (dB)
OIP2 (dBm)
OIP3 (dBm)
GAIN (dB)
OP1dB (dBm)
NOISE FIGURE (dB)
Figure 22. Gain, OP1dB, OIP3, OIP2, Noise Figure vs. DSA Attenuation,
VVA Attenuation = 0 dB, Frequency = 1850 MHz
0
5
10
15
20
25
30
35
40
45
50
55
60
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21
VVA ATTENUATION (dB)
OIP2 (dBm)
OIP3 (dBm)
GAIN (dB)
OP1dB (dBm)
NOISE FIGURE (dB)
Figure 23. Gain, OP1dB, OIP3, OIP2, Noise Figure vs. VVA Attenuation,
DSA Attenuation = 0 dB, Frequency = 2150 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com