Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHV Datasheet(PDF) 19 Page - NXP Semiconductors

Part # ASL5015FHV
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHV Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button ASL5015FHV Datasheet HTML 15Page - NXP Semiconductors ASL5015FHV Datasheet HTML 16Page - NXP Semiconductors ASL5015FHV Datasheet HTML 17Page - NXP Semiconductors ASL5015FHV Datasheet HTML 18Page - NXP Semiconductors ASL5015FHV Datasheet HTML 19Page - NXP Semiconductors ASL5015FHV Datasheet HTML 20Page - NXP Semiconductors ASL5015FHV Datasheet HTML 21Page - NXP Semiconductors ASL5015FHV Datasheet HTML 22Page - NXP Semiconductors ASL5015FHV Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
19 / 69
time depends on the PWM frequency. For example, if the PWM frequency is 244 Hz,
then the delay value has a resolution of 4 ms. If the PWM frequency is 488 Hz, then the
delay time resolution is 2 ms. This factor is a great help in simplifying dynamic turning-
indicator sequences.
The microcontroller has the possibility of reading back the current PWM values in every
cycle. These values are accessible from the register 42h to 59h, as shown in Table 6.
This accessibility ensures maximum control of the system and LED board feedback.
Table 6. PWM-Feedback registers (only Read registers)
Address
Register
D7
D6
D5
D4
D3
D2
D1
D0
42h
ReadCH1-LB
PWM [7:0]
43h
ReadCH1-MB
unused
PWM [11:8]
44h
ReadCH2-LB
PWM [7:0]
45h
ReadCH2-MB
unused
PWM [11:8]
46h
ReadCH3-LB
PWM [7:0]
47h
ReadCH3-MB
unused
PWM [11:8]
48h
ReadCH4-LB
PWM [7:0]
49h
ReadCH4-MB
unused
PWM [11:8]
4Ah
ReadCH5-LB
PWM [7:0]
4Bh
ReadCH5-MB
unused
PWM [11:8]
4Ch
ReadCH6-LB
PWM [7:0]
4Dh
ReadCH6-MB
unused
PWM [11:8]
4Eh
ReadCH7-LB
PWM [7:0]
4Fh
ReadCH7-MB
unused
PWM [11:8]
50h
ReadCH8-LB
PWM [7:0]
51h
ReadCH8-MB
unused
PWM [11:8]
52h
ReadCH9-LB
PWM [7:0]
53h
ReadCH9-MB
unused
PWM [11:8]
54h
ReadCH10-LB
PWM [7:0]
55h
ReadCH10-MB
unused
PWM [11:8]
56h
ReadCH11-LB
PWM [7:0]
57h
ReadCH11-MB
unused
PWM [11:8]
58h
ReadCH12-LB
PWM [7:0]
59h
ReadCH12-MB
unused
PWM [11:8]
Table 7. Immediate OFF commands. Set duty cycle to zero (Read/Write)
Address Register
D7
D6
D5
D4
D3
D2
D1
D0
30h
IMMOFFREG1
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
31h
IMMOFFREG2
unused
CH12
CH11
CH10
CH9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com