Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHV Datasheet(PDF) 51 Page - NXP Semiconductors

Part # ASL5015FHV
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHV Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button ASL5015FHV Datasheet HTML 47Page - NXP Semiconductors ASL5015FHV Datasheet HTML 48Page - NXP Semiconductors ASL5015FHV Datasheet HTML 49Page - NXP Semiconductors ASL5015FHV Datasheet HTML 50Page - NXP Semiconductors ASL5015FHV Datasheet HTML 51Page - NXP Semiconductors ASL5015FHV Datasheet HTML 52Page - NXP Semiconductors ASL5015FHV Datasheet HTML 53Page - NXP Semiconductors ASL5015FHV Datasheet HTML 54Page - NXP Semiconductors ASL5015FHV Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
51 / 69
16 Thermal characteristics
Table 48. Thermal characteristics
In accordance with the Absolute Maximum Rating System (IEC 60134)
Symbol Parameter
Conditions
Typ
Unit
HVQFN36
2.1
K/W
Rth(j-mb)
Thermal impedance junction to mounting base
HLQFP48
3.1
K/W
17 Static characteristics
Table 49. Static characteristics
In accordance with the Absolute Maximum Rating System (IEC 60134)
VCC = 4.5 V to 5.5 V; Tj = −40 °C to +175 °C; all voltages are defined with respect to ground; positive currents flow into the
IC.
Typical values are given at VCC = 5 V; Tj = 25 °C unless otherwise specified
Symbol
Parameter/Pin
Conditions
Min
Typ
Max
Unit
RDSon
Rdson per switch
ASL5x15yHz
100
200
mΩ
RDSon
Rdson per switch
ASL5x08yHz
200
400
mΩ
RBond
Total bond wire resistance per
individual block
ASL5x15yHz
100
mΩ
RBond
Total bond wire resistance per
individual block
ASL5x08yHz
180
mΩ
MTP OC Bit = 0
5
6
7
V
Vth(det)load(oc) LED Open Circuit detection level
MTP OC Bit = 1
15.25
17
18.5
V
Vth(det)load(sc) LED Short Circuit detection level
0.5
1
1.5
V
RPU
Address pin (A0 to A4) pull up resistor
(weak pull up resistor)
IO = 0
46
62
79
KΩ
fosc(cp)
Charge pump frequency
4.5
5
5.5
MHz
fosc(CAN)
CAN clock frequency
10
MHz
tclk(CAN)
CAN clock time accuracy
Message cycle < 10 ms
0.25
%
Ien(NTC)
NTC enable current
412
440
468
µA
INTC(oc)
NTC open detection current
22.5
25
27.5
µA
Nres(ADC)
ADC resolution
9
bit
Nres(ADC-LSB) ADC LSB resolution
1.1 /
511
V
Vth(det)load(oc)
(NTC)
NTC open detection
25 µA
1.1
V
Ien(ID)
ID resistor current
22.5
25
27.5
µA
ID = 000
79
160
mV
ID = 001
160
242
mV
ID = 010
242
320
mV
ΔVID
ID resistor ranges
ID = 011
320
396
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com