Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHV Datasheet(PDF) 1 Page - NXP Semiconductors

Part # ASL5015FHV
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHV Datasheet(HTML) 1 Page - NXP Semiconductors

  ASL5015FHV Datasheet HTML 1Page - NXP Semiconductors ASL5015FHV Datasheet HTML 2Page - NXP Semiconductors ASL5015FHV Datasheet HTML 3Page - NXP Semiconductors ASL5015FHV Datasheet HTML 4Page - NXP Semiconductors ASL5015FHV Datasheet HTML 5Page - NXP Semiconductors ASL5015FHV Datasheet HTML 6Page - NXP Semiconductors ASL5015FHV Datasheet HTML 7Page - NXP Semiconductors ASL5015FHV Datasheet HTML 8Page - NXP Semiconductors ASL5015FHV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
ASL5xxxyHz
Matrix LED Controller (MLC)
Rev. 2.1 — 5 February 2019
Product data sheet
1 General description
The ASL5xxxyHz family is a fully featured and flexible Matrix LED Controller (MLC). It
provides a cost effective design solution, specifically targeting advanced automotive
exterior lighting applications. The family consists of part numbers with different maximum
currents and different driving modes, Smart and direct PWM.
Smart PWM part numbers determine PWM dimming duty cycle from information stored
inside the MLC in the form of dimming polynomial curve coefficients. These coefficients
are programmable by the customer according to the dimming profile they would like to
see. The MLC uses these polynomial coefficients to calculate the PWM duty cycle to 12-
bit resolution. The MLC also provides the capability to increase the speed of the PWM
dimming curve dynamically or sequence several PWM dimming curves together.
It is possible to store polynomials for up to eight PWM dimming curves. By storing
these polynomial coefficients internally, it is not necessary for the microcontroller to
send updated PWM dimming information to each LED switch continuously. Instead, the
microcontroller selects the PWM curve and LED to which it must be applied. Therefore,
the PWM dimming information from the microcontroller is reduced, which reduces the
volume of data transfer from the microcontroller to the MLC.
The MLC also provides the functionality to correct for LED brightness variations. This
feature is especially useful to ensure a homogenous light output from LEDs that have
luminance variations with the same LED current.
The MLC has many diagnostic features, including:
• Direct NTC feedback for monitoring the LED temperature
• Direct identification resistor input for PCB characterization
• Single LED open/short detection and protection
• Internal IC junction temperature monitoring
• Power-on-Reset (POR) monitoring; mandatory for off-board configuration and following
safety requirements
• Power OK bit (POK) to ensure that the complete MLC is working as expected
• External components (NTC, ID resistor, charge pump capacitor) monitoring and fail
detection
• Full communication diagnosis, including flagging illegal actions
• Possibility to clear Open Circuit (OC) and Short Circuit (SC) flags and reset the internal
mosfets dynamically and without a need of a power-on-reset
All this diagnostic information is available to the microcontroller via the MLC interface. A
microcontroller controls the MLC through a high-speed serial CAN interface. Through this
interface, the microcontroller can control up to 32 MLCs, enabling control of up to 384
LEDs or segments.
The MLC has an internal 200 MHz oscillator that avoids the need of an external quartz
(reducing system cost and providing better EMC behavior) for synchronization and clock


Similar Part No. - ASL5015FHV

ManufacturerPart #DatasheetDescription
logo
NEC
ASL510C801FP0LF NEC-ASL510C801FP0LF Datasheet
1Mb / 27P
Multilayer Piezoelectric Actuators
ASL510C801NP0LF NEC-ASL510C801NP0LF Datasheet
1Mb / 27P
Multilayer Piezoelectric Actuators
logo
Advanced Semiconductor ...
ASL51S9 ASB-ASL51S9 Datasheet
426Kb / 8P
High Gain, Low Noise Amplifier
June 2014
ASL51S9 ASB-ASL51S9 Datasheet
428Kb / 8P
High Gain, Low Noise Amplifier
January 2017
ASL51S9 ASB-ASL51S9_17 Datasheet
428Kb / 8P
High Gain, Low Noise Amplifier
January 2017
More results

Similar Description - ASL5015FHV

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6240 OKI-MSM6240 Datasheet
449Kb / 25P
DOT MATRIX LCD CONTROLLER
MSM6255 OKI-MSM6255 Datasheet
485Kb / 39P
DOT MATRIX LCD CONTROLLER
MSM9000B OKI-MSM9000B Datasheet
223Kb / 38P
DOT MATRIX LCD CONTROLLER
logo
Seoul Semiconductor
D3232SL-88 SEOUL-D3232SL-88 Datasheet
361Kb / 3P
LED DOT MATRIX
SSD-D6464SLMH-GREEN SEOUL-SSD-D6464SLMH-GREEN Datasheet
1Mb / 6P
LED DOT MATRIX
logo
BetLux Electronics
BL-M07C881S BETLUX-BL-M07C881S Datasheet
159Kb / 4P
LED DOT MATRIX
REV NO: V.2
BL-M12A883SG BETLUX-BL-M12A883SG Datasheet
141Kb / 3P
LED DOT MATRIX
REV NO: V.2
BL-M12C571SG BETLUX-BL-M12C571SG Datasheet
72Kb / 3P
LED DOT MATRIX
REV NO: V.2
BL-M15X881XX BETLUX-BL-M15X881XX Datasheet
118Kb / 3P
LED DOT MATRIX
REV NO: V.3
BL-M15X882 BETLUX-BL-M15X882 Datasheet
161Kb / 4P
LED DOT MATRIX
REV NO: V.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com