Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHV Datasheet(PDF) 40 Page - NXP Semiconductors

Part # ASL5015FHV
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHV Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button ASL5015FHV Datasheet HTML 36Page - NXP Semiconductors ASL5015FHV Datasheet HTML 37Page - NXP Semiconductors ASL5015FHV Datasheet HTML 38Page - NXP Semiconductors ASL5015FHV Datasheet HTML 39Page - NXP Semiconductors ASL5015FHV Datasheet HTML 40Page - NXP Semiconductors ASL5015FHV Datasheet HTML 41Page - NXP Semiconductors ASL5015FHV Datasheet HTML 42Page - NXP Semiconductors ASL5015FHV Datasheet HTML 43Page - NXP Semiconductors ASL5015FHV Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
40 / 69
Address
Register
D7
D6
D5
D4
D3
D2
D1
D0
Reset
56
ReadCH11-LB
PWM[7:0]
00000000
57
ReadCH11-MB
unused
PWM[11:8]
00000000
58
ReadCH12-LB
PWM[7:0]
00000000
59
ReadCH12-MB
unused
PWM[11:8]
00000000
11 Direct PWM mode – ASL51xxyHz.
The MLC ASL51xxyHz provides the possibility of sending direct PWM data to every
channel. The microcontroller provides all the dimming curves; and the PWM duty cycle
value must be updated in every PWM period, if the duty cycle has to be changed.
Each channel needs 12 bits for the PWM duty cycle that can be updated every PWM
cycle
Full diagnosis is available in these part numbers.
Because the amount of data in the bus is greater than in the smart mode (ASL50xxyHz),
a higher baud rate may be needed. The available baud rates in the MLC are 125 Kbps,
250 Kbps, 500 Kbps and 1 Mbps. The communication interface data rate should be
selected to fulfill the system latency requirement. This latency is the time from when the
microcontroller sends the new PWM duty cycle value to the moment the MLC executes it.
The addressing of the MLC is done using the Extended-ID. The Standard-ID is used
for clock synchronization purpose with the fixed sequence/preamble equal to 555h. All
the MLCs are synchronized in every CAN massage, ensuring a good synchronization
between the different MLC ICs and a very accurate sampling clock, with an accuracy of
less than 0.25 %.
11.1 ASL51xxSHy Register MAP
Table 32. ASL51xxSHy register map
Address Register
D7
D6
D5
D4
D3
D2
D1
D0
Reset
Values
0
DIRECT_CH1_LB
PWM[7:0]
00000000
1
DIRECT_CH1_UB
unused
PWM[11:8]
00000000
2
DIRECT_CH2_LB
PWM[7:0]
00000000
3
DIRECT_CH2_UB
unused
PWM[11:8]
00000000
4
DIRECT_CH3_LB
PWM[7:0]
00000000
5
DIRECT_CH3_UB
unused
PWM[11:8]
00000000
6
DIRECT_CH4_LB
PWM[7:0]
00000000
7
DIRECT_CH4_UB
unused
PWM[11:8]
00000000
8
DIRECT_CH5_LB
PWM[7:0]
00000000
9
DIRECT_CH5_UB
unused
PWM[11:8]
00000000
A
DIRECT_CH6_LB
PWM[7:0]
00000000
B
DIRECT_CH6_UB
unused
PWM[11:8]
00000000
C
DIRECT_CH7_LB
PWM[7:0]
00000000
D
DIRECT_CH7_UB
unused
PWM[11:8]
00000000
E
DIRECT_CH8_LB
PWM[7:0]
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com