Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHV Datasheet(PDF) 28 Page - NXP Semiconductors

Part # ASL5015FHV
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHV Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button ASL5015FHV Datasheet HTML 24Page - NXP Semiconductors ASL5015FHV Datasheet HTML 25Page - NXP Semiconductors ASL5015FHV Datasheet HTML 26Page - NXP Semiconductors ASL5015FHV Datasheet HTML 27Page - NXP Semiconductors ASL5015FHV Datasheet HTML 28Page - NXP Semiconductors ASL5015FHV Datasheet HTML 29Page - NXP Semiconductors ASL5015FHV Datasheet HTML 30Page - NXP Semiconductors ASL5015FHV Datasheet HTML 31Page - NXP Semiconductors ASL5015FHV Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
28 / 69
Table 21. OC threshold selection and CPFSx selection in MTP
Register
Bit
Symbol
Description
58h
4
OC1
OC threshold selection for Block 1
59h
4
OC2
OC threshold selection for Block 2
5Ah
4
OC3
OC threshold selection for Block 3
5Bh
4
OC4
OC threshold selection for Block 4
5Ch
15
CPFS0
Select Block 1 as top block
5Dh
15
CPFS1
Select Block 2 as top block
5Eh
15
CPFS2
Select Block 3 as top block
5Fh
15
CPFS3
Select Block 4 as top block
If the OC bit is set to 0, the open circuit threshold is 6 V ±1 V, if it is 1, then the threshold
is 17 V ±1.5 V.
In case of OC = 0 and a failure in the charge pump, the MLC opens the first two switches
of the Blocks with a 1 in the linked CPFSx bit. When OC = 1, the MLC opens only the top
switch of the selected blocks.
With this practice, if the MLC is in normal operation mode, it is able to continue driving
the rest of switches with the programmed PWM.
In case the MLC is in LHM, the fail-safe operation reaction is the same and it continues
respecting the LHM configuration programmed in the MTP for the rest of the switches.
Note: CPFS3 is linked to Block 4 of switches; these are the top switches if all blocks are
in series. This bit should be the only one set to 1, of CPFSx bits, when all blocks are in
serial configuration.
8.10 Matrix LED controller interface and configuration
The ASL5xxxyHz family incorporates a CAN controller for communication with the
microcontroller. CAN-FD versions (ASL5xxxFHz) are also available in the ASL5xxxyHz
family. If these versions are required, please contact NXP Semiconductors.
This serial interface is used to write into internal registers and read the data from
the diagnostics register. The interface is also used to monitor any fault flags. The
microcontroller has full control via the bus interface.
No external clock is required for the oversampling, due to the on-chip 200 MHz oscillator.
More information regarding On-Board and Off-Board configuration can be found in the
application notes.
There are two physical options:
• When the microcontroller is located close to the MLC and on the same PCB, there can
be a direct connection using the TX and RX lines. No physical layer is needed.
• When the microcontroller is on a separate board or otherwise far away (> 10 cm) from
the MLC, two CAN physical layer transceivers are needed. The physical layer will
guarantee a robust and reliable communication over a long distance.
In both configurations, the clock signal, generated by the internal oscillator, is divided
by an adaptive prescaler to calibrate the clock to the incoming data. This process is to
ensure a common communication speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com