Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHV Datasheet(PDF) 22 Page - NXP Semiconductors

Part # ASL5015FHV
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHV Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button ASL5015FHV Datasheet HTML 18Page - NXP Semiconductors ASL5015FHV Datasheet HTML 19Page - NXP Semiconductors ASL5015FHV Datasheet HTML 20Page - NXP Semiconductors ASL5015FHV Datasheet HTML 21Page - NXP Semiconductors ASL5015FHV Datasheet HTML 22Page - NXP Semiconductors ASL5015FHV Datasheet HTML 23Page - NXP Semiconductors ASL5015FHV Datasheet HTML 24Page - NXP Semiconductors ASL5015FHV Datasheet HTML 25Page - NXP Semiconductors ASL5015FHV Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
22 / 69
60h. The blancking time is applicable from the moment the internal switch passes from a
low ohmic to a high ohmic state.
When there is a detection of an SC, the error bit is set and the microcontroller is aware of
the fail. The microcontroller can then decide whether to close the switch associated to the
shorted LED or not. If the microcontroller decides to close the switch, the rest of the LED
string can continue working and just the affected LED is bypassed.
Restore the fail bit flag by a bus command writing a 1 in the register 34h, bit 0 or
removing the supply voltage. If the flag is restored with a CAN message (write a 1 in
the CLEAR_SC bit of register 34h), then the MLC does not need a power-on-reset. In
addition, an automatic recheck action is executed by the IC to confirm whether the fail is
still present or not. If the fail is still present, then the MLC will flag it again.
8.6.4 Internal junction temperature warnings
The maximum allowed junction temperature on the ASL5xxxyHz family is 175 °C. The
user can program two warning thresholds to be activated. The default values are 140 °C
for OTW_1 and 160 °C for OTW_2. As soon as the microcontroller receives these
temperature warnings, it decides what action to take. For example, the microcontroller
might reduce the LED string current to reduce the junction temperature and the whole
system temperature. If the MLC reaches its maximum allowable internal temperature,
175 °C, it will not take any action. The microcontroller must correct any overtemperature
situations to prevent a safety violation. OTW_1 and OTW_2 can be programmed in the
MTP.
The microcontroller triggers the junction temperature read and consequent flagging with
command 13 for selective MLC or command 46 for broadcast trigger.
Table 10. Junction temperature warning bits (Read)
Address
Register
D7
D6
D5
D4
D3
D2
D1
D0
3Ah
ID
OTW_1
OTW_2
POK
LHM_STATUS
ID[3:1]
ID-FAIL
Note: If the MLC junction temperature reaches the OTW_2, reduce the LED string
current. The OTW measurement has a ±10 % accuracy.
8.6.5 Undervoltage detection and protection
The MLC incorporates an undervoltage protection on the VCC. The device switches off
below 4.3 V.
When an undervoltage condition is detected, all the switches get open (high ohmic state)
and the communication with the device is not possible. If Vcc gets recovered, then the IC
allows the communication again and a power on reset is not required.
A full system diagnosis should be run after an undervoltage condition.
8.6.6 Diagnosis registers map
8.6.6.1 Register 34h - Status register
Register 34h has read and write rights.
This register can be sent/received to any MLC IC individually or can be a broadcast
message. It depends on the CAN frame Extended-ID command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com