Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHV Datasheet(PDF) 41 Page - NXP Semiconductors

Part # ASL5015FHV
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHV Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button ASL5015FHV Datasheet HTML 37Page - NXP Semiconductors ASL5015FHV Datasheet HTML 38Page - NXP Semiconductors ASL5015FHV Datasheet HTML 39Page - NXP Semiconductors ASL5015FHV Datasheet HTML 40Page - NXP Semiconductors ASL5015FHV Datasheet HTML 41Page - NXP Semiconductors ASL5015FHV Datasheet HTML 42Page - NXP Semiconductors ASL5015FHV Datasheet HTML 43Page - NXP Semiconductors ASL5015FHV Datasheet HTML 44Page - NXP Semiconductors ASL5015FHV Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
41 / 69
Address Register
D7
D6
D5
D4
D3
D2
D1
D0
Reset
Values
F
DIRECT_CH8_UB
unused
PWM[11:8]
00000000
10
DIRECT_CH9_LB
PWM[7:0]
00000000
11
DIRECT_CH9_UB
unused
PWM[11:8]
00000000
12
DIRECT_CH10_LB
PWM[7:0]
00000000
13
DIRECT_CH10_UB
unused
PWM[11:8]
00000000
14
DIRECT_CH11_LB
PWM[7:0]
00000000
15
DIRECT_CH11_UB
unused
PWM[11:8]
00000000
16
DIRECT_CH12_LB
PWM[7:0]
00000000
17
DIRECT_CH12_UB
unused
PWM[11:8]
00000000
18 to 2F reserved
unused
00000000
30
IMMOFF 1
IMMOFF8 IMMOFF7 IMMOFF6 IMMOFF5 IMMOFF4 IMMOFF3 IMMOFF2 IMMOFF1 00000000
31
IMMOFF 2
unused
IMMO
FF12
IMMO
FF11
IMMO
FF10
IMMOFF9 00000000
32
START 1
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
00000000
33
START 2
unused
CH12
CH11
CH10
CH9
00000000
34
CLEAR
POR
Illegal_
command
MTP_
Locked
REG_
ILLEGAL_
ACCESS
MTP_
ILLEGAL_
ACCESS
MTP_
ACCESS_
STATUS
CLR_OC CLR_SC 00000000
35
READ_OC1
OC8
OC7
OC6
OC5
OC4
OC3
OC2
OC1
00000000
36
READ_OC2
unused
OC12
OC11
OC10
OC9
00000000
37
READ_SC1
SC8
SC7
SC6
SC5
SC4
SC3
SC2
SC1
00000000
38
READ_SC2
unused
SC12
SC11
SC10
SC9
00000000
39
NTC
CPFAIL
NTC[6:1]
NTCFAIL 00000000
3A
ID
OTW_1
OTW_2
POK
LHM_
STATUS
ID[3:1]
ID-FAIL
00000000
3B
Internal_Status
TXD_
Buffer_
Full
unused
00000000
3C
LHM
BYPASS_
BINNING
LHM_EXIT[6:4]
LHM_TIMEOUT[3:1]
MTP_
CFG
00000000
3D
MTP Write Control1
unused
MTP Register Adress [6:0]
00000000
3E
MTP Write D1
MTP Write Data D1 [7:0]
00000000
3F
MTP Write D2
MTP Write Data D2 [7:0]
00000000
40
MTP Read D1
MTP Read Data D1 [7:0]
00000000
41
MTP Read D2
MTP Read Data D2 [7:0]
00000000
All cells presented in the register map are configurable by the customer. If the
microcontroller tries to write in the reserved registers, from 18h to 2Fh, the Matrix
LED controller (MLC) will raises an error flag. This means that bit 4 of register 34h,
REG_ILLEGAL_ACCESS, is set to 1. This bit can be cleared by writing a 1 on it.
12 Sleep and Wake Up
The MLC can enter in Sleep mode and drastically reduce the current consumption, giving
the possibility to make an energy efficient system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com