Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHV Datasheet(PDF) 10 Page - NXP Semiconductors

Part # ASL5015FHV
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHV Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button ASL5015FHV Datasheet HTML 6Page - NXP Semiconductors ASL5015FHV Datasheet HTML 7Page - NXP Semiconductors ASL5015FHV Datasheet HTML 8Page - NXP Semiconductors ASL5015FHV Datasheet HTML 9Page - NXP Semiconductors ASL5015FHV Datasheet HTML 10Page - NXP Semiconductors ASL5015FHV Datasheet HTML 11Page - NXP Semiconductors ASL5015FHV Datasheet HTML 12Page - NXP Semiconductors ASL5015FHV Datasheet HTML 13Page - NXP Semiconductors ASL5015FHV Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
10 / 69
Symbol
Pin
Description
SW12
18
Source of switch 10
NC
19
Not connected
SW11
20
Drain of switch 9
SW10
21
Source of switch 9 and drain of switch 8
SW9
22
Source of switch 8 and drain of switch 7
SW8
23
Source of switch 7
NC
24
Not connected
NC
25
Not connected
A0
26
Address bit 0
A1
27
Address bit 1
A2
28
Address bit 2
A3
29
Address bit 3
A4
30
Address bit 4
NC
31
Not connected
BIN
32
Connection for the identification resistor
GND
33
Ground
NTC
34
Connection to the NTC
ICP
35
ICP (Internally Connected Pin) – Connect it to ground
NC
36
Not connected
NC
37
Not connected
SW7
38
Drain of switch 6
SW6
39
Source of switch 6 and Drain of switch 5
SW5
40
Source of switch 5 and Drain of switch 4
SW4
41
Source of switch 4
SW4
42
Source of switch 4
NC
43
Not connected
SW3
44
Drain of switch 3
SW2
45
Source of switch 3 and Drain of switch 2
SW1
46
Source of switch 2 and Drain of switch 1
SW0
47
Source of switch 1
NC
48
Not connected
EXP
49
Exposed pad - Connect it to ground
NC pins are inserted between two blocks of switches to prevent high voltages between
two adjacent pins. Two NC pins are also inserted between VMAX and TXD pins. The NC
pins must float, only pin 8 can be used for ground routing, since pin 9 (NC) still keep the
isolation between ground and high voltage.
The exposed center pad must be connected to ground during layout routing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com