Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHV Datasheet(PDF) 47 Page - NXP Semiconductors

Part # ASL5015FHV
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHV Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button ASL5015FHV Datasheet HTML 43Page - NXP Semiconductors ASL5015FHV Datasheet HTML 44Page - NXP Semiconductors ASL5015FHV Datasheet HTML 45Page - NXP Semiconductors ASL5015FHV Datasheet HTML 46Page - NXP Semiconductors ASL5015FHV Datasheet HTML 47Page - NXP Semiconductors ASL5015FHV Datasheet HTML 48Page - NXP Semiconductors ASL5015FHV Datasheet HTML 49Page - NXP Semiconductors ASL5015FHV Datasheet HTML 50Page - NXP Semiconductors ASL5015FHV Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
47 / 69
Register
Bit D3
Bit D2
Bit D1
Bit D0
[V/µs]
1
0
1
1
3,2
1
1
0
0
3,8
1
1
0
1
4,5
1
1
1
0
5,5
1
1
1
1
6,8
Table 38. Phase shifting sequence in the different floating blocks
Register
Block [bits] (switches)[1]
Conf_1
Conf_2
Default
Block 1 [8:9] (SW0 – SW3)
X
X
00
Block 2 [8:9] (SW4 – SW7)
X
X
01
Block 3 [8:9] (SW8 – SW11)
X
X
10
58h (PS1)
59h (PS2)
5Ah (PS3)
5Bh (PS4)
Block 4 [8:9] (SW12 – SW15)
X
X
11
Conf_1
Conf_2
Channel / Phases
0
0
1, 2 and 3
0
1
4, 5 and 6
1
0
7, 8 and 9
1
1
10, 11 and 12
[1]
When blocks are in parallel configuration, the phase shifting sequence must be the same, since both switches associated
to the same light source must switch at the same time.
Table 39. Limp Home mode selection (58h, 59h, 5Ah and 5Bh)
Bits
LHx
Selection
0
LED OFF
7 to 5
1
LED ON
Table 40. Short circuit timer (blanking time after duty cycle rising edge)
Register
Bit D4
Protocol
0
16 µs (default)
60h
1
32 µs
Table 41. Data rate selection
Register
Bit D3
Bit D2
Data rate
0
0
125 Kb/sec
0
1
250 Kb/sec
60h
1
0
500 Kb/sec (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com